Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H02N60S Fiches technique(PDF) 6 Page - Hi-Sincerity Mocroelectronics

No de pièce H02N60S
Description  N-Channel Power Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HSMC [Hi-Sincerity Mocroelectronics]
Site Internet  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

H02N60S Fiches technique(HTML) 6 Page - Hi-Sincerity Mocroelectronics

  H02N60S Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics H02N60S Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics H02N60S Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics H02N60S Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics H02N60S Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics H02N60S Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : MOS200504
Issued Date : 2005.05.01
Revised Date : 2005.09.28
Page No. : 6/6
H02N60SI, H02N60SJ, H02N60SE, H02N60SF
HSMC Product Specification
Soldering Methods for HSMC’s Products
1. Storage environment: Temperature=10
oC~35oC Humidity=65%±15%
2. Reflow soldering of surface-mount devices
Profile Feature
Sn-Pb Eutectic Assembly
Pb-Free Assembly
Average ramp-up rate (T
L to TP)<3
oC/sec
<3
oC/sec
Preheat
- Temperature Min (Ts
min)
- Temperature Max (Ts
max)
- Time (min to max) (ts)
100
oC
150
oC
60~120 sec
150
oC
200
oC
60~180 sec
Tsmax to T
L
- Ramp-up Rate
<3
oC/sec
<3
oC/sec
Time maintained above:
- Temperature (T
L)
- Time (t
L)
183
oC
60~150 sec
217
oC
60~150 sec
Peak Temperature (T
P)
240
oC +0/-5oC
260
oC +0/-5oC
Time within 5
oC of actual Peak
Temperature (t
P)
10~30 sec
20~40 sec
Ramp-down Rate
<6
oC/sec
<6
oC/sec
Time 25
oC to Peak Temperature
<6 minutes
<8 minutes
3. Flow (wave) soldering (solder dipping)
Products
Peak temperature
Dipping time
Pb devices.
245
oC
±5oC
5sec
±1sec
Pb-Free devices.
260
oC +0/-5oC
5sec
±1sec
Figure 1: Temperature profile
tP
tL
Ramp-down
Ramp-up
Tsmax
Tsmin
Critical Zone
TL to TP
tS
Preheat
TL
TP
25
t 25oC to Peak
Time


Numéro de pièce similaire - H02N60S

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60E HSMC-H02N60E Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60F HSMC-H02N60F Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60I HSMC-H02N60I Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60J HSMC-H02N60J Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
More results

Description similaire - H02N60S

FabricantNo de pièceFiches techniqueDescription
logo
Hi-Sincerity Mocroelect...
H06N60 HSMC-H06N60 Datasheet
71Kb / 6P
   N-Channel Power Field Effect Transistor
H01N45A HSMC-H01N45A Datasheet
44Kb / 4P
   N-Channel Power Field Effect Transistor
H01N60S HSMC-H01N60S Datasheet
62Kb / 5P
   N-Channel Power Field Effect Transistor
H03N60 HSMC-H03N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H07N65 HSMC-H07N65 Datasheet
168Kb / 6P
   N-Channel Power Field Effect Transistor
H02N60 HSMC-H02N60 Datasheet
74Kb / 6P
   N-Channel Power Field Effect Transistor
H05N60 HSMC-H05N60 Datasheet
60Kb / 5P
   N-Channel Power Field Effect Transistor
H07N60 HSMC-H07N60 Datasheet
61Kb / 5P
   N-Channel Power Field Effect Transistor
H01N60 HSMC-H01N60 Datasheet
59Kb / 5P
   N-Channel Power Field Effect Transistor
H02N65 HSMC-H02N65 Datasheet
171Kb / 6P
   N-Channel Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com