Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CX1594 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce CX1594
Description  Deuterium Filled, Hollow Anode, Five-Gap Ceramic Thyratron
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

CX1594 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  CX1594 Datasheet HTML 1Page - List of Unclassifed Manufacturers CX1594 Datasheet HTML 2Page - List of Unclassifed Manufacturers CX1594 Datasheet HTML 3Page - List of Unclassifed Manufacturers CX1594 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX1594 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX1594 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX1594 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
R1
R2
R2
R2
R2
R2
C1
R1
R1
R1
R1
R1
R1
R1
C1
C1
C1
C1
R1
R3
R4
C2
C3
G2
G1
CATHODE
HEATER
SUPPLY
RESERVOIR
HEATER
SUPPLY
(VARIABLE)
GRID 2 DELAYED
WITH RESPECT TO GRID 1
GRID 2 VOLTAGE
500 – 2000 V,
1
ms
0
NEGATIVE BIAS VOLTAGE
GRID 0/GRID 1 CURRENT
0.5 – 1.5 A,
2
ms
0.5
msMIN
GRID 1/GRID 2 DELAY
7251
CATHODE (
7)
ANODE (+)
SCHEMATIC DIAGRAM (Modulator Service)
R1
=
470
O 12 W vitreous enamelled wirewound resistors.
R2
=
5 to 20 M
O high voltage resistors with a power rating consistent with forward anode voltage.
R3
=
Grid 2 series resistor. 12 W vitreous enamelled wirewound is recommended, of an impedance to match the grid 2 drive
pulse circuit.
R4
=
Grid 1 series resistor. 12 W vitreous enamelled wirewound is recommended, of an impedance to match the grid 1 drive
pulse circuit.
C1
=
500 pF capacitors with a voltage rating equal to the peak forward voltage. These capacitors may be required to
balance the voltages across each gap if the anode voltage rises in less than 5 ms.
C2,C3 =
Reservoir protection capacitors with a voltage rating
5500 V;
C2 =
1000 pF low inductance (e.g. ceramic),
C3 =1 mF (e.g. polycarbonate or polypropylene).
Components R3,R4,C2, and C3 should be mounted as close to the tube as possible.
#
E2V Technologies
CX1594, page 5


Numéro de pièce similaire - CX1594

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
More results

Description similaire - CX1594

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CX1174 ETC1-CX1174 Datasheet
101Kb / 4P
   Deuterium-Filled Ceramic Thyratron
CX1622 ETC1-CX1622 Datasheet
79Kb / 4P
   Deuterium Thyratron
7665A ETC1-7665A Datasheet
84Kb / 3P
   Hydrogen-Filled Ceramic Thyratron
CX1157 ETC-CX1157 Datasheet
73Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
CX1599 ETC1-CX1599 Datasheet
96Kb / 5P
   Hydrogen-Filled Ceramic Thyratron
NL-716 ETC2-NL-716 Datasheet
420Kb / 2P
   THYRATRON TUBE
FX215 ETC2-FX215 Datasheet
150Kb / 2P
   THYRATRON
logo
Diodes Incorporated
DMF05LCFLP DIODES-DMF05LCFLP Datasheet
82Kb / 4P
   FIVE ELEMENT COMMON ANODE ESD-PROTECTION DIODE ARRAY
logo
List of Unclassifed Man...
FX2505 ETC1-FX2505 Datasheet
56Kb / 3P
   Hydrogen Thyratron
CX1151 ETC1-CX1151 Datasheet
82Kb / 4P
   Hydrogen Thyratron
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com