Moteur de recherche de fiches techniques de composants électroniques |
|
GS815018AGB-300I Fiches technique(PDF) 8 Page - GSI Technology |
|
GS815018AGB-300I Fiches technique(HTML) 8 Page - GSI Technology |
8 / 25 page Common Mode and Differential Voltage -1.8 -1.6 -1.4 -1.2 -1 -0.8 -0.6 -0.4 -0.2 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 0 20406080 100 120 Time K K# VCM VDIF VCM GS815018/36AB-357/333/300/250 Product Preview Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 10/2005 8/25 © 2003, GSI Technology 20% tKC VSS – 1.0 V 50% VSS VIH Undershoot Measurement and Timing Overshoot Measurement and Timing 20% tKC VDD + 1.0 V 50% VDD VIL |
Numéro de pièce similaire - GS815018AGB-300I |
|
Description similaire - GS815018AGB-300I |