Moteur de recherche de fiches techniques de composants électroniques |
|
GS8644Z18E-150IV Fiches technique(PDF) 10 Page - GSI Technology |
|
GS8644Z18E-150IV Fiches technique(HTML) 10 Page - GSI Technology |
10 / 30 page Preliminary GS8644Z18/36E-xxxV Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 6/2006 10/30 © 2003, GSI Technology Burst Cycles Although NBT RAMs are designed to sustain 100% bus bandwidth by eliminating turnaround cycle when there is transition from read to write, multiple back-to-back reads or writes may also be performed. NBT SRAMs provide an on-chip burst address generator that can be utilized, if desired, to further simplify burst read or write implementations. The ADV control pin, when driven high, commands the SRAM to advance the internal address counter and use the counter generated address to read or write the SRAM. The starting address for the first cycle in a burst cycle series is loaded into the SRAM by driving the ADV pin low, into Load mode. Burst Order The burst address counter wraps around to its initial state after four addresses (the loaded address and three more) have been accessed. The burst sequence is determined by the state of the Linear Burst Order pin (LBO). When this pin is Low, a linear burst sequence is selected. When the RAM is installed with the LBO pin tied high, Interleaved burst sequence is selected. See the tables below for details. FLXDrive™ The ZQ pin allows selection between NBT RAM nominal drive strength (ZQ low) for multi-drop bus applications and low drive strength (ZQ floating or high) point-to-point applications. See the Output Driver Characteristics chart for details. Mode Pin Functions Mode Name Pin Name State Function Burst Order Control LBO L Linear Burst H Interleaved Burst Output Register Control FT L Flow Through H or NC Pipeline Power Down Control ZZ L or NC Active H Standby, IDD = ISB FLXDrive Output Impedance Control ZQ L High Drive (Low Impedance) H or NC Low Drive (High Impedance) Note: There are pull-up devices on the ZQ and FT pins and a pull-down device on the ZZ pin, so those input pins can be unconnected and the chip will operate in the default states as specified in the above tables. |
Numéro de pièce similaire - GS8644Z18E-150IV |
|
Description similaire - GS8644Z18E-150IV |