Moteur de recherche de fiches techniques de composants électroniques |
|
GS78116B Fiches technique(PDF) 10 Page - GSI Technology |
|
GS78116B Fiches technique(HTML) 10 Page - GSI Technology |
10 / 11 page Rev: 1.02 9/2001 10/11 © 1999, Giga Semiconductor, Inc. For latest documentation see http://www.gsitechnology.com. GS78116B * Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. For example: GS78116B-12T Ordering Information Part Number* Package Access Time Temp. Range Status GS78116B-10 BGA 10 ns Commercial GS78116B-12 BGA 12 ns Commercial GS78116B-15 BGA 15 ns Commercial GS78116B-10I BGA 10 ns Industrial GS78116B-12I BGA 12 ns Industrial GS78116B-15I BGA 15 ns Industrial |
Numéro de pièce similaire - GS78116B |
|
Description similaire - GS78116B |