Moteur de recherche de fiches techniques de composants électroniques |
|
GS74108ATP-8I Fiches technique(PDF) 4 Page - GSI Technology |
|
GS74108ATP-8I Fiches technique(HTML) 4 Page - GSI Technology |
4 / 13 page Capacitance Parameter Symbol Test Condition Max Unit Input Capacitance C V = 0 V 5 pF Output Capacitance C V = 0 V 7 pF GS74108ATP/J/X Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.07 1/2006 4/13 © 2001, Giga Semiconductor, Inc. Notes: 1. Tested at TA = 25°C, f = 1 MHz 2. These parameters are sampled and are not 100% tested. DC I/O Pin Characteristics Parameter Symbol Test Conditions Min Max Input Leakage Current IIL VIN = 0 to VDD – 1 uA 1 uA Output Leakage Current ILO Output High Z VOUT = 0 to VDD –1 uA 1 uA Output High Voltage VOH I = –4 mA 2.4 — Output Low Voltage VOL I = +4 mA — 0.4 V Power Supply Currents Parameter Symbol Test Conditions 0 to 70°C –40 to 85°C 8 ns 10 ns 12 ns 8 ns 10 ns 12 ns Operating Supply Current I CE ≤ V All other inputs ≥ V or ≤ V Min. cycle time I = 0 mA 120 mA 95 mA 85 mA 130 mA 105 mA 95 mA Standby Current I CE ≥ V All other inputs ≥ V or ≤V Min. cycle time 30 mA 25 mA 22 mA 40 mA 35 mA 32 mA Standby Current I CE ≥ V - 0.2V All other inputs ≥ V - 0.2V or ≤ 0.2V 10 mA 20 mA IN IN OUT OUT OH LO DD IL IH IL OUT SB1 IH IH IL SB2 DD DD |
Numéro de pièce similaire - GS74108ATP-8I |
|
Description similaire - GS74108ATP-8I |