Moteur de recherche de fiches techniques de composants électroniques |
|
GS8320E18T-200 Fiches technique(PDF) 8 Page - GSI Technology |
|
GS8320E18T-200 Fiches technique(HTML) 8 Page - GSI Technology |
8 / 25 page GS8320E18/32/36T-250/225/200/166/150/133 Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.01 10/2004 8/25 © 2001, GSI Technology Notes: 1. All byte outputs are active in read cycles regardless of the state of Byte Write Enable inputs. 2. Byte Write Enable inputs BA, BB, BC and/or BD may be used in any combination with BW to write single or multiple bytes. 3. All byte I/Os remain High-Z during all write operations regardless of the state of Byte Write Enable inputs. 4. Bytes “C” and “D” are only available on the x32 and x36 versions. Byte Write Truth Table Function GW BW BA BB BC BD Notes Read H H X X X X 1 Read H L HHHH 1 Write byte a H L L H H H 2, 3 Write byte b H L H L H H 2, 3 Write byte c H L H H L H 2, 3, 4 Write byte d H L H H H L 2, 3, 4 Write all bytes H LLLLL 2, 3, 4 Write all bytes L XXXX X |
Numéro de pièce similaire - GS8320E18T-200 |
|
Description similaire - GS8320E18T-200 |