Moteur de recherche de fiches techniques de composants électroniques |
|
GS8342R09E-250I Fiches technique(PDF) 4 Page - GSI Technology |
|
GS8342R09E-250I Fiches technique(HTML) 4 Page - GSI Technology |
4 / 37 page 4M x 9 SigmaCIO DDR-II SRAM—Top View 1 2 3 4 5 6 7 8 9 10 11 A CQ MCL/SA (72Mb) SA R/W NC K NC LD SA SA CQ B NC NC NC SA NC K BW SA NC NC DQ4 C NC NC NC VSS SA SA SA VSS NC NC NC D NC NC NC VSS VSS VSS VSS VSS NC NC NC E NC NC DQ5 VDDQ VSS VSS VSS VDDQ NC NC DQ3 F NC NC NC VDDQ VDD VSS VDD VDDQ NC NC NC G NC NC DQ6 VDDQ VDD VSS VDD VDDQ NC NC NC H Doff VREF VDDQ VDDQ VDD VSS VDD VDDQ VDDQ VREF ZQ J NC NC NC VDDQ VDD VSS VDD VDDQ NC DQ2 NC K NC NC NC VDDQ VDD VSS VDD VDDQ NC NC NC L NC DQ7 NC VDDQ VSS VSS VSS VDDQ NC NC DQ1 M NC NC NC VSS VSS VSS VSS VSS NC NC NC N NC NC NC VSS SA SA SA VSS NC NC NC P NC NC DQ8 SA SA C SA SA NC NC DQ0 R TDO TCK SA SA SA C SA SA SA TMS TDI 11 x 15 Bump BGA—13 x 15 mm2 Body—1 mm Bump Pitch Notes: 1. Unlike the x36 and x18 versions of this device, the x8 and x9 versions do not give the user access to A0 and A1. SA0 and SA1 are set to 0 at the beginning of each access. 2. MCL = Must Connect Low Preliminary GS8342R08/09/18/36E-333/300/250/200/167 Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 8/2005 4/37 © 2003, GSI Technology |
Numéro de pièce similaire - GS8342R09E-250I |
|
Description similaire - GS8342R09E-250I |