Moteur de recherche de fiches techniques de composants électroniques |
|
GS8320Z18GT-250IV Fiches technique(PDF) 10 Page - GSI Technology |
|
GS8320Z18GT-250IV Fiches technique(HTML) 10 Page - GSI Technology |
10 / 23 page GS8320Z18/36T-xxxV Preliminary Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.02 5/2006 10/23 © 2001, GSI Technology High Z (Data In) Data Out (Q Valid) High Z B W B R B D R W R W D D Current State (n) Next State (n+1) Transition ƒ Input Command Code Key Notes 1. The Hold command (CKE Low) is not shown because it prevents any state change. 2. W, R, B and D represent input command codes as indicated in the Truth Tables. Clock (CK) Command Current State Next State ƒ n n+1 n+2 n+3 ƒƒƒ Current State and Next State Definition for: Pipeline and Flow Through Read Write Control State Diagram Flow Through Mode Data I/O State Diagram |
Numéro de pièce similaire - GS8320Z18GT-250IV |
|
Description similaire - GS8320Z18GT-250IV |