Moteur de recherche de fiches techniques de composants électroniques |
|
GS8180D18D-100 Fiches technique(PDF) 10 Page - GSI Technology |
|
GS8180D18D-100 Fiches technique(HTML) 10 Page - GSI Technology |
10 / 28 page Byte Write Clock Truth Table BW BW BW BW Current Operation D D D D K ↑ (tn+1) K ↑ (tn+1½) K ↑ (tn+2) K ↑ (tn+2½) K ↑ (tn) K ↑ (tn+1) K ↑ (tn+1½) K ↑ (tn+2) K ↑ (tn+2½) T T T T Write Dx stored if BWn = 0 in all four data transfers D0 D2 D3 D4 T F F F Write Dx stored if BWn = 0 in 1st data transfer only D0 X X X F T F F Write Dx stored if BWn = 0 in 2nd data transfer only X D1 X X F F T F Write Dx stored if BWn = 0 in 3rd data transfer only X X D2 X F F F T Write Dx stored if BWn = 0 in 4th data transfer only X X X D3 F F F F Write Abort No Dx stored in any of the four data transfers X X X X Notes: 1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”. 2. If one or more BWn = 0, then BW = “T”, else BW = “F”. x18 Byte Write Enable (BWn) Truth Table BW0 BW1 D0–D8 D9–D17 1 1 Don’t Care Don’t Care 0 1 Data In Don’t Care 1 0 Don’t Care Data In 0 0 Data In Data In GS8180D18D-250/200/167/133/100 Rev: 2.04 4/2005 10/28 © 2002, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. |
Numéro de pièce similaire - GS8180D18D-100 |
|
Description similaire - GS8180D18D-100 |