Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

TB2924FG Datasheet(Fiches technique) 12 Page - Toshiba Semiconductor

Numéro de pièce TB2924FG
Description  Class D, 20 W × 2-channel (BTL) Low-Frequency Power Amplifier IC
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB2924FG Datasheet(HTML) 12 Page - Toshiba Semiconductor

Back Button TB2924FG Datenblatt HTML 8Page - Toshiba Semiconductor TB2924FG Datenblatt HTML 9Page - Toshiba Semiconductor TB2924FG Datenblatt HTML 10Page - Toshiba Semiconductor TB2924FG Datenblatt HTML 11Page - Toshiba Semiconductor TB2924FG Datasheet HTML 12Page - Toshiba Semiconductor TB2924FG Datenblatt HTML 13Page - Toshiba Semiconductor TB2924FG Datenblatt HTML 14Page - Toshiba Semiconductor TB2924FG Datenblatt HTML 15Page - Toshiba Semiconductor TB2924FG Datenblatt HTML 16Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TB2924FG
2006-01-25
12
0
−80
10
OUT1
→ OUT2
VCC = 15 V
RL = 8 Ω
Rg = 10 kΩ
VOUT = 0.775 Vrms
OUT2
→ OUT1
100
1000
10000
100000
−60
−40
−20
60
0
0
VCC = 15 V
RL = 8 Ω
VIN = 0 V
0.5
1.0
1.5
2.0
2.5
3.0
3.5
10
20
30
40
50
140
0
0
RL = 8 Ω
VIN = 0 V
L
= 18 µH
20
40
60
80
100
120
5
10
15
20
25
30
f
(Hz)
GV – f
VCC (V)
ICCQ – VCC
VSTB (V)
ISTBY – VSTB
f
(Hz)
C.T. – f
40
0
10
VCC = 15 V
RL = 8 Ω
VOUT = 0.775 Vrms
Output: 30 k LPF
30
20
10
100
1000
10000
100000
OUT2
OUT1
5
15
25
35
20
−100
0
f
= 1 k
RL = 8 Ω
VOUT = 1Vrms
VCC = 15 V
−80
−60
−40
−20
0
0.5
1.0
1.5
2.0
VMUTE (V)
ATTMUTE – VMUTE
Rg (Ω)
C.T. – Rg
0
−80
10
OUT2
→ OUT1
f
= 1 k
RL = 8 Ω
Vrip = 0.775 Vrms
VCC = 15 V
OUT1
→ OUT2
100
1000
10000
−60
−40
−20
−70
−50
−30
−10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn