Moteur de recherche de fiches techniques de composants électroniques |
|
GS840E18AGT-180I Fiches technique(PDF) 1 Page - GSI Technology |
|
GS840E18AGT-180I Fiches technique(HTML) 1 Page - GSI Technology |
1 / 31 page GS840E18/32/36AT/B-190/180/166/150/100 256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 190 MHz–100 MHz 3.3 V VDD 3.3 V and 2.5 V I/O TQFP, BGA Commercial Temp Industrial Temp Rev: 1.12 10/2004 1/31 © 1999, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Features • FT pin for user-configurable flow through or pipelined operation • Dual Cycle Deselect (DCD) operation • 3.3 V +10%/–5% core power supply • 2.5 V or 3.3 V I/O supply • LBO pin for Linear or Interleaved Burst mode • Internal input resistors on mode pins allow floating mode pins • Default to Interleaved Pipelined mode • Byte Write (BW) and/or Global Write (GW) operation • Common data inputs and data outputs • Clock control, registered, address, data, and control • Internal self-timed write cycle • Automatic power-down for portable applications • JEDEC standard 100-lead TQFP or 119-Bump BGA package • Pb-Free 100-lead TQFP package available Functional Description Applications The GS840E18/32/36A is a 4,718,592-bit (4,194,304-bit for x32 version) high performance synchronous SRAM with a 2- bit burst address counter. Although of a type originally developed for Level 2 Cache applications supporting high performance CPUs, the device now finds application in synchronous SRAM applications ranging from DSP main store to networking chip set support. The GS84018/32/36A is available in a JEDEC standard 100-lead TQFP or 119-Bump BGA package. Controls Addresses, data I/Os, chip enables (E1, E2, E3), address burst control inputs (ADSP, ADSC, ADV), and write control inputs (Bx, BW, GW) are synchronous and are controlled by a positive-edge-triggered clock input (CK). Output enable (G) and power down control (ZZ) are asynchronous inputs. Burst cycles can be initiated with either ADSP or ADSC inputs. In Burst mode, subsequent burst addresses are generated internally and are controlled by ADV. The burst address counter may be configured to count in either linear or interleave order with the Linear Burst Order (LBO) input. The burst function need not be used. New addresses can be loaded on every cycle with no degradation of chip performance. Flow Through/Pipeline Reads The function of the Data Output register can be controlled by the user via the FT mode pin/bump (pin 14 in the TQFP and bump 5R in the BGA). Holding the FT mode pin/bump low places the RAM in Flow Through mode, causing output data to bypass the Data Output Register. Holding FT high places the RAM in Pipelined mode, activating the rising-edge-triggered Data Output Register. DCD Pipelined Reads The GS840E18/32/36A is a DCD (Dual Cycle Deselect) pipelined synchronous SRAM. SCD (Single Cycle Deselect) versions are also available. DCD SRAMs pipeline disable commands to the same degree as read commands. DCD RAMs hold the deselect command for one full cycle and then begin turning off their outputs just after the second rising edge of clock. Byte Write and Global Write Byte write operation is performed by using byte write enable (BW) input combined with one or more individual byte write signals (Bx). In addition, Global Write (GW) is available for writing all bytes at one time, regardless of the Byte Write control inputs. Sleep Mode Low power (Sleep mode) is attained through the assertion (High) of the ZZ signal, or by stopping the clock (CK). Memory data is retained during Sleep mode. Core and Interface Voltages The GS840E18/32/36A operates on a 3.3 V power supply and all inputs/outputs are 3.3 V- and 2.5 V-compatible. Separate output power (VDDQ) pins are used to de-couple output noise from the internal circuit. Parameter Synopsis –190 –180 –166 –150 –100 Pipeline 3-1-1-1 tCycle tKQ IDD 5.3 ns 3.0 ns 370 mA 5.5 ns 3.0 ns 335 mA 6.0 ns 3.5 ns 310 mA 6.6 ns 3.8 ns 280 mA 10 ns 4.5 ns 190 mA Flow Through 2-1-1-1 tKQ tCycle IDD 7.5 ns 8.5 ns 245 mA 8 ns 9 ns 210 mA 8.5 ns 10 ns 190 mA 10 ns 12 ns 165 mA 12 ns 15 ns 135 mA |
Numéro de pièce similaire - GS840E18AGT-180I |
|
Description similaire - GS840E18AGT-180I |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |