Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS881E18BT Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS881E18BT
Description  512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS881E18BT Fiches technique(HTML) 1 Page - GSI Technology

  GS881E18BT Datasheet HTML 1Page - GSI Technology GS881E18BT Datasheet HTML 2Page - GSI Technology GS881E18BT Datasheet HTML 3Page - GSI Technology GS881E18BT Datasheet HTML 4Page - GSI Technology GS881E18BT Datasheet HTML 5Page - GSI Technology GS881E18BT Datasheet HTML 6Page - GSI Technology GS881E18BT Datasheet HTML 7Page - GSI Technology GS881E18BT Datasheet HTML 8Page - GSI Technology GS881E18BT Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
GS881E18B(T/D)/GS881E32B(T/D)/GS881E36B(T/D)
512K x 18, 256K x 32, 256K x 36
9Mb Sync Burst SRAMs
250 MHz–150 MHz
2.5 V or 3.3 V VDD
2.5 V or 3.3 V I/O
100-Pin TQFP & 165-bump BGA
Commercial Temp
Industrial Temp
Rev: 1.04 3/2005
1/40
© 2002, GSI Technology
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Features
• FT pin for user-configurable flow through or pipeline
operation
• Dual Cycle Deselect (DCD) operation
• IEEE 1149.1 JTAG-compatible Boundary Scan
• 2.5 V or 3.3 V +10%/–10% core power supply
• 2.5 V or 3.3 V I/O supply
• LBO pin for Linear or Interleaved Burst mode
• Internal input resistors on mode pins allow floating mode pins
• Default to Interleaved Pipeline mode
• Byte Write (BW) and/or Global Write (GW) operation
• Internal self-timed write cycle
• Automatic power-down for portable applications
• JEDEC-standard 100-lead TQFP and 165-bump BGA
packages
• Pb-Free 100-lead TQFP and 165-bump BGA packages
available
Functional Description
Applications
The GS881E18B(T/D)/GS881E32B(T/D)/GS881E36B(T/D)
is a 9,437,184-bit high performance synchronous SRAM with
a 2-bit burst address counter. Although of a type originally
developed for Level 2 Cache applications supporting high
performance CPUs, the device now finds application in
synchronous SRAM applications, ranging from DSP main
store to networking chip set support.
Controls
Addresses, data I/Os, chip enable (E1), address burst control
inputs (ADSP, ADSC, ADV) and write control inputs (Bx,
BW, GW) are synchronous and are controlled by a positive-
edge-triggered clock input (CK). Output enable (G) and power
down control (ZZ) are asynchronous inputs. Burst cycles can
be initiated with either ADSP or ADSC inputs. In Burst mode,
subsequent burst addresses are generated internally and are
controlled by ADV. The burst address counter may be
configured to count in either linear or interleave order with the
Linear Burst Order (LBO) input. The Burst function need not
be used. New addresses can be loaded on every cycle with no
degradation of chip performance.
Flow Through/Pipeline Reads
The function of the Data Output register can be controlled by
the user via the FT mode pin (Pin 14). Holding the FT mode
pin low places the RAM in Flow Through mode, causing
output data to bypass the Data Output Register. Holding FT
high places the RAM in Pipeline mode, activating the rising-
edge-triggered Data Output Register.
DCD Pipelined Reads
The GS881E18B(T/D)/GS881E32B(T/D)/GS881E36B(T/D)
is a DCD (Dual Cycle Deselect) pipelined synchronous
SRAM. SCD (Single Cycle Deselect) versions are also
available. DCD SRAMs pipeline disable commands to the
same degree as read commands. DCD RAMs hold the deselect
command for one full cycle and then begin turning off their
outputs just after the second rising edge of clock.
Byte Write and Global Write
Byte write operation is performed by using Byte Write enable
(BW) input combined with one or more individual byte write
signals (Bx). In addition, Global Write (GW) is available for
writing all bytes at one time, regardless of the Byte Write
control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion
(High) of the ZZ signal, or by stopping the clock (CK).
Memory data is retained during Sleep mode.
Core and Interface Voltages
The GS881E18B(T/D)/GS881E32B(T/D)/GS881E36B(T/D)
operates on a 2.5 V or 3.3 V power supply. All input are 3.3 V
and 2.5 V compatible. Separate output power (VDDQ) pins are
used to decouple output noise from the internal circuits and are
3.3 V and 2.5 V compatible.
Paramter Synopsis
-333
-300
-250
-200
-150
Unit
Pipeline
3-1-1-1
tKQ
tCycle
2.5
3.0
2.5
3.3
2.5
4.0
3.0
5.0
3.8
6.7
ns
ns
Curr (x18)
Curr (x32/x36)
250
290
230
265
200
230
170
195
140
160
mA
mA
Flow Through
2-1-1-1
tKQ
tCycle
4.5
4.5
5.0
5.0
5.5
5.5
6.5
6.5
7.5
7.5
ns
ns
Curr (x18)
Curr (x32/x36)
200
230
185
210
160
185
140
160
128
145
mA
mA


Numéro de pièce similaire - GS881E18BT

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS881E18BT-150IV GSI-GS881E18BT-150IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-150V GSI-GS881E18BT-150V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-200IV GSI-GS881E18BT-200IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-200V GSI-GS881E18BT-200V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18BT-250IV GSI-GS881E18BT-250IV Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results

Description similaire - GS881E18BT

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT GSI-GS880F18BT Datasheet
599Kb / 27P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS881E18T-V GSI-GS881E18T-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880E18BT-V GSI-GS880E18BT-V Datasheet
916Kb / 23P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT-V GSI-GS88118BT-V Datasheet
1Mb / 36P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88118BT GSI-GS88118BT Datasheet
1Mb / 39P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018BT GSI-GS88018BT Datasheet
602Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS880F18BT-V GSI-GS880F18BT-V Datasheet
844Kb / 21P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com