Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS840E18B-100I Fiches technique(PDF) 1 Page - GSI Technology

No de pièce GS840E18B-100I
Description  256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GSI [GSI Technology]
Site Internet  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS840E18B-100I Fiches technique(HTML) 1 Page - GSI Technology

  GS840E18B-100I Datasheet HTML 1Page - GSI Technology GS840E18B-100I Datasheet HTML 2Page - GSI Technology GS840E18B-100I Datasheet HTML 3Page - GSI Technology GS840E18B-100I Datasheet HTML 4Page - GSI Technology GS840E18B-100I Datasheet HTML 5Page - GSI Technology GS840E18B-100I Datasheet HTML 6Page - GSI Technology GS840E18B-100I Datasheet HTML 7Page - GSI Technology GS840E18B-100I Datasheet HTML 8Page - GSI Technology GS840E18B-100I Datasheet HTML 9Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Rev: 2.05 6/2000
1/31
© 1999, Giga Semiconductor, Inc.
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
GS840E18/32/36T/B-180/166/150/100
256K x 18, 128K x 32, 128K x 36
4Mb Sync Burst SRAMs
180Mhz - 100Mhz
3.3V VDD
3.3V & 2.5V I/O
TQFP, BGA
Commercial Temp
Industrial Temp
Features
• FT pin for user configurable flow through or pipelined operation.
• Dual Cycle Deselect (DCD) Operation.
• 3.3V +10%/-5% Core power supply
• 2.5V or 3.3V I/O supply.
• LBO pin for linear or interleaved burst mode.
• Internal input resistors on mode pins allow floating mode pins.
• Default to Interleaved Pipelined Mode.
• Byte write (BW) and/or global write (GW) operation.
• Common data inputs and data outputs.
• Clock Control, registered, address, data, and control.
• Internal Self-Timed Write cycle.
• Automatic power-down for portable applications.
• JEDEC standard 100-lead TQFP or 119 Bump BGA package.
Functional Description
Applications
The GS840E18/32/36 is a 4,718,592 bit (4,194,304 bit for x32
version) high performance synchronous SRAM with a 2 bit burst
address counter. Although of a type originally developed for Level 2
Cache applications supporting high performance CPU’s, the device
now finds application in synchronous SRAM applications ranging from
DSP main store to networking chip set support. The GS840E18/32/36
is available in a JEDEC standard 100-lead TQFP or 119 Bump BGA
package.
Controls
Addresses, data I/O’s, chip enables (E1, E2, E3), address burst control
inputs (ADSP, ADSC, ADV) and write control inputs (Bx, BW, GW) are
synchronous and are controlled by a positive edge triggered clock
input (CK). Output enable (G) and power down control (ZZ) are
asynchronous inputs. Burst cycles can be initiated with either ADSP
or ADSC inputs. In Burst mode, subsequent burst addresses are
generated internally and are controlled by ADV. The burst address
counter may be configured to count in either linear or interleave order
with the Linear Burst Order (LBO) input. The Burst function need not
be used. New addresses can be loaded on every cycle with no
degradation of chip performance.
Flow Through / Pipeline Reads
The function of the Data Output register can be controlled by the user
via the FT mode pin/bump (pin 14 in the TQFP and bump 5R in the
BGA, ). Holding the FT mode pin/bump low places the RAM in Flow
through mode, causing output data to bypass the Data Output
Register. Holding FT high places the RAM in Pipelined Mode,
activating the rising edge triggered Data Output Register.
DCD Pipelined Reads
The GS840E18/32/36 is a DCD (Dual Cycle Deselect) pipelined
synchronous SRAM. SCD (Single Cycle Deselect) versions are also
available. DCD SRAMs pipeline disable commands to the same
degree as read commands. DCD RAMs hold the deselect command
for one full cycle and then begin turning off their outputs just after the
second rising edge of clock.
Byte Write and Global Write
Byte write operation is performed by using byte write enable (BW)
input combined with one or more individual byte write signals (Bx). In
addition, Global Write (GW) is available for writing all bytes at one
time, regardless of the Byte Write control inputs.
Sleep Mode
Low power (Sleep mode) is attained through the assertion (High) of
the ZZ signal, or by stopping the clock (CK). Memory data is retained
during Sleep mode.
Core and Interface Voltages
The GS840E18/32/36 operates on a 3.3V power supply and all inputs/
outputs are 3.3V and 2.5V compatible. Separate output power (VDDQ)
pins are used to de-couple output noise from the internal circuit.
-180
-166
-150
-100
Pipeline
3-1-1-1
tCycle
tKQ
IDD
5.5ns
3.2ns
330mA
6.0ns
3.5ns
310mA
6.6ns
3.8ns
275mA
10ns
4.5ns
190mA
Flow Through
2-1-1-1
tKQ
tCycle
IDD
8ns
10ns
190mA
8.5ns
10ns
190mA
10ns
10ns
190mA
12ns
15ns
140mA


Numéro de pièce similaire - GS840E18B-100I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS840E18AB-100 GSI-GS840E18AB-100 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-100I GSI-GS840E18AB-100I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-150 GSI-GS840E18AB-150 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-150I GSI-GS840E18AB-150I Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AB-166 GSI-GS840E18AB-166 Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
More results

Description similaire - GS840E18B-100I

FabricantNo de pièceFiches techniqueDescription
logo
GSI Technology
GS840H18AT GSI-GS840H18AT Datasheet
747Kb / 30P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840FH18AT GSI-GS840FH18AT Datasheet
542Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018T GSI-GS84018T Datasheet
629Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840E18AT GSI-GS840E18AT Datasheet
762Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS840F18AT GSI-GS840F18AT Datasheet
554Kb / 21P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS84018 GSI-GS84018 Datasheet
911Kb / 31P
   256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs
GS880E18BT GSI-GS880E18BT Datasheet
645Kb / 28P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88018T GSI-GS88018T Datasheet
1Mb / 25P
   512K x 18, 256K x 32, 256K x 36 8Mb Sync Burst SRAMs
GS88018AT-250 GSI-GS88018AT-250 Datasheet
756Kb / 26P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
GS88036CGT-200 GSI-GS88036CGT-200 Datasheet
263Kb / 24P
   512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com