Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABTH16899 Fiches technique(PDF) 9 Page - NXP Semiconductors

No de pièce 74ABTH16899
Description  18-bit latched transceiver with 16-bit parity generator/checker 3-State
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16899 Fiches technique(HTML) 9 Page - NXP Semiconductors

Back Button 74ABTH16899 Datasheet HTML 5Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 6Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 7Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 8Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 9Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 10Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 11Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 12Page - NXP Semiconductors 74ABTH16899 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product specification
74ABT16899
74ABTH16899
18-bit latched transceiver with 16-bit
parity generator/checker (3-State)
1998 Feb 25
9
AC WAVEFORMS
VM = 1.5V, VIN = GND to 3.0V
An, APAR
(Bn, BPAR)
VM
tPLH
tPHL
VM
VM
VM
Bn, BPAR
(An, APAR)
SEL
1
INPUT
OUTPUT
SA00293
Waveform 1. Propagation Delay, An to Bn, Bn to An, APAR to BPAR, BPAR to APAR
An
(Bn)
tPLH
VM
VM
VM
BPAR
(APAR)
LEA
(LEB)
1
INPUT
OUTPUT
ODD/EVEN
0
SEL
0
tPHL
VM
ODD PARITY
EVEN PARITY
ODD PARITY
NOTE: Only even parity mode is shown, odd parity mode would be with ODD/EVEN = 1
SA00294
Waveform 2. Propagation Delay, An to BPAR or Bn to APAR
An
(Bn)
tPHL
VM
VM
VM
ERRA
(ERRB)
LEA
(LEB)
1
INPUT
OUTPUT
APAR
(BPAR)
0
ODD/EVEN
0
tPLH
VM
ODD PARITY
EVEN PARITY
ODD PARITY
NOTE: Only even parity mode is shown, odd parity mode would be with ODD/EVEN = 1
SA00295
SEL
Waveform 3. Propagation Delay, An to ERRA or Bn to ERRB


Numéro de pièce similaire - 74ABTH16899

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABTH16821A PHILIPS-74ABTH16821A Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADGG PHILIPS-74ABTH16821ADGG Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16821ADL PHILIPS-74ABTH16821ADL Datasheet
80Kb / 10P
   20-bit bus-interface D-type flip-flop; positive-edge trigger 3-State
1998 Feb 27
74ABTH16823A PHILIPS-74ABTH16823A Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
74ABTH16823ADGG PHILIPS-74ABTH16823ADGG Datasheet
86Kb / 12P
   18-bit bus interface D-type flip-flop with reset and enable 3-State
1998 Feb 27
More results

Description similaire - 74ABTH16899

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ALVT16899 PHILIPS-74ALVT16899 Datasheet
122Kb / 20P
   2.5V/3.3V 18-bit latched transceiver with 16-bit parity generator/checker 3-State
1998 Jun 30
74ABT899 PHILIPS-74ABT899 Datasheet
123Kb / 16P
   9-bit dual latch transceiver with 8-bit parity generator/checker 3-State
1998 Jan 16
74ABT833 PHILIPS-74ABT833 Datasheet
57Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1993 Jun 21
74ABT657 PHILIPS-74ABT657 Datasheet
62Kb / 11P
   Octal transceiver with parity generator/checker 3-State
1995 Dec 11
logo
Motorola, Inc
MC74F657A MOTOROLA-MC74F657A Datasheet
124Kb / 5P
   OCTAL BIDIRECTIONAL TRANSCEIVER WITH 8-BIT PARITY GENERATOR CHECKER (3-STATE OUTPUTS)
logo
NXP Semiconductors
74ABT657 NXP-74ABT657 Datasheet
112Kb / 17P
   Octal transceiver with parity generator/checker; 3-state
Rev. 03-15 March 2010
74ABT853 PHILIPS-74ABT853 Datasheet
82Kb / 7P
   8-bit transceiver with 9-bit parity checker/ generator and flag latch 3-State
1995 Sep 06
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com