Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABTH16273DGG Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 74ABTH16273DGG
Description  16-bit D-type flip-flop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ABTH16273DGG Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 74ABTH16273DGG Datasheet HTML 2Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 3Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 4Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 5Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 6Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 7Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 8Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 9Page - NXP Semiconductors 74ABTH16273DGG Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Philips Semiconductors
Product specification
74ABT16273
74ABTH16273
16-bit D-type flip-flop
1998 Feb 27
6
AC SETUP REQUIREMENTS
GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500Ω
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = +25°C
VCC = +5.0V
Tamb = –40 to +85 °C
VCC = +5.0V ±0.5V
UNIT
MIN
TYP
MIN
tS(H)
tS(L)
Setup time, High or Low
nDx to nCP
3
2.0
2.0
1.0
1.0
2.0
2.0
ns
th(H)
th(L)
Hold time, High or Low
nDx to nCP
3
0
0
–0.6
–0.6
0
0
ns
tW(H)
tW(L)
Clock pulse width
High or Low
1
3.3
3.3
1.2
1.0
3.3
3.3
ns
tW(L)
Master Reset pulse width, Low
2
3.3
1.1
3.3
ns
tREC
Recovery time
nMR + nCP
2
2.0
0.0
2.0
ns
AC WAVEFORMS
VM = 1.5V, VIN = GND to 2.7V
VM
tPLH
tPHL
VM
VM
VM
nCP
nQx
1/fMAX
tW(H)
tW(L)
SH00056
VOL
VOH
0V
VM
Waveform 1. Propagation Delay, Clock Input to Output, Clock
Pulse Width, and Maximum Clock Frequency
VM
nMR
VM
nQx
tw(L)
VM
tPHL
VM
tREC
nCP
SH00057
0V
0V
VOH
VOL
Waveform 2. Master Reset Pulse Width, Master Reset to Output
Delay and Master Reset to Clock Recovery Time
NOTE: The shaded areas indicate when the input is
permitted to change for predictable output performance.
VM
nDx
VM
VM
VM
VM
nCP
ts(H)
th(H)
ts(L)
th(L)
SH00058
VM
0V
0V
Waveform 3. Data Setup and Hold Times


Numéro de pièce similaire - 74ABTH16273DGG

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABTH162240 PHILIPS-74ABTH162240 Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DGG PHILIPS-74ABTH162240DGG Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162240DL PHILIPS-74ABTH162240DL Datasheet
81Kb / 12P
   16-bit inverting buffer/driver with 30ohm series termination resistors
1998 Feb 25
74ABTH162244 PHILIPS-74ABTH162244 Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
74ABTH162244DGG PHILIPS-74ABTH162244DGG Datasheet
78Kb / 10P
   16-bit buffer/line driver with 30ohm series termination resistors 3-State
1998 Oct 22
More results

Description similaire - 74ABTH16273DGG

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC16374 TI1-SN74LVC16374_14 Datasheet
489Kb / 12P
[Old version datasheet]   16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
ON Semiconductor
MC74LCX16374 ONSEMI-MC74LCX16374_12 Datasheet
133Kb / 7P
   Low-Voltage CMOS 16-Bit D-Type Flip-Flop
July, 2012 ??Rev. 9
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
52Kb / 6P
   8-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
logo
Motorola, Inc
MC74LCX16374 MOTOROLA-MC74LCX16374 Datasheet
123Kb / 6P
   LOW-VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com