Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

G1085-15T33T Fiches technique(PDF) 1 Page - Global Mixed-mode Technology Inc

No de pièce G1085-15T33T
Description  3A Low-Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GMT [Global Mixed-mode Technology Inc]
Site Internet  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G1085-15T33T Fiches technique(HTML) 1 Page - Global Mixed-mode Technology Inc

  G1085-15T33T Datasheet HTML 1Page - Global Mixed-mode Technology Inc G1085-15T33T Datasheet HTML 2Page - Global Mixed-mode Technology Inc G1085-15T33T Datasheet HTML 3Page - Global Mixed-mode Technology Inc G1085-15T33T Datasheet HTML 4Page - Global Mixed-mode Technology Inc G1085-15T33T Datasheet HTML 5Page - Global Mixed-mode Technology Inc G1085-15T33T Datasheet HTML 6Page - Global Mixed-mode Technology Inc G1085-15T33T Datasheet HTML 7Page - Global Mixed-mode Technology Inc G1085-15T33T Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ver: 0.5 Preliminary
Nov 12, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
1
G1085-XX
Global Mixed-mode Technology Inc.
3A Low-Dropout Linear Regulator
Features
Available in 1.5V, 1.8V, 2.5V, 3.3V version
TO-220, TO-263 package
Internal short circuit current limiting
Internal over temperature protection
Output current 3A
Applications
Post regulation for switching DC/DC con-
verter
High efficiency linear regulator
Battery powered instrumentation
Motherboard
General Description
The G1085-XX is a low dropout linear regulator
with a dropout of 0.8V at 3A of load current. It is
available in three fixed voltages: 1.5V, 1.8V, 2.5V
and 3.3V. Refer to the G1085 for the adjustable
version.
The G1085-XX provides over temperature and
over current protection circuits to prevent it from
being damaged by abnormal operating conditions.
The G1085-XX is available in TO-220 and TO-263
packages. A minimum of 220µF tantalum electro-
lytic capacitor is required at the output to improve
the transient response and stability.
Ordering Information
PIN OPTION
ORDER
NUMBER
ORDER NUMBER
(Pb free)
MARKING
TEMP.
RANGE
PACKAGE
1
2
3
G1085-15T33T
G1085-15T33Tf
G1085-15
-40°C to +85°C
TO-220
GND
VOUT
VIN
G1085-18T33T
G1085-18T33Tf
G1085-18
-40°C to +85°C
TO-220
GND
VOUT
VIN
G1085-25T33T
G1085-25T33Tf
G1085-25
-40°C to +85°C
TO-220
GND
VOUT
VIN
G1085-33T33T
G1085-33T33Tf
G1085-33
-40°C to +85°C
TO-220
GND
VOUT
VIN
G1085-15T53U
G1085-15T53Uf
G1085-15
-40°C to +85°C
TO-263
GND
VOUT
VIN
G1085-18T53U
G1085-18T53Uf
G1085-18
-40°C to +85°C
TO-263
GND
VOUT
VIN
G1085-25T53U
G1085-25T53Uf
G1085-25
-40°C to +85°C
TO-263
GND
VOUT
VIN
G1085-33T53U
G1085-33T53Uf
G1085-33
-40°C to +85°C
TO-263
GND
VOUT
VIN
* For other package types and pin options, please contact us at sales @gmt.com.tw
Order Number Identification
GXXXX-XX XX X
X
Packing Type
Pin Option
Package Type
Voltage
Part Number
PACKAGE TYPE
PIN OPTION
PACKING
T3: TO-220
1
2
3
U: Tape & Reel
T5: TO-263
3: GND
VOUT
VIN
T: Tube
Package Type
Typical Application
[Note 4]: Type of COUT
VIN
G1085-XX
C1
220µF
VOUT
IO
COUT
220µF
GND
VIN
VOUT
1
3
TO-220
2
Top View
1
2
3
TO-263
Top View
VIN
G1085-XX
C1
220µF
VOUT
IO
COUT
220µF
GND
VIN
VOUT
VIN
G1085-XX
C1
220µF
VOUT
IO
COUT
220µF
GND
VIN
VOUT
1
3
TO-220
2
Top View
1
2
3
TO-263
Top View


Numéro de pièce similaire - G1085-15T33T

FabricantNo de pièceFiches techniqueDescription
logo
Global Mixed-mode Techn...
G1085 GMT-G1085 Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41D GMT-G1085T41D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41T GMT-G1085T41T Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T41U GMT-G1085T41U Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
G1085T42D GMT-G1085T42D Datasheet
343Kb / 8P
   3A Adjustable Low-Dropout Linear Regulator
More results

Description similaire - G1085-15T33T

FabricantNo de pièceFiches techniqueDescription
logo
Sipex Corporation
SP1085 SIPEX-SP1085 Datasheet
471Kb / 12P
   3A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085 Datasheet
198Kb / 16P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085G ACE-ACE1085G Datasheet
436Kb / 8P
   3A Low Dropout Linear Regulator
VER 1.4
logo
BCD Semiconductor Manuf...
AZ1085C BCDSEMI-AZ1085C Datasheet
846Kb / 18P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
L11830_1110 UTC-L11830_1110 Datasheet
281Kb / 6P
   3A LOW DROPOUT LINEAR REGULATOR
LR8845 UTC-LR8845 Datasheet
278Kb / 4P
   3A LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AZ2085 DIODES-AZ2085 Datasheet
262Kb / 11P
   3A LOW DROPOUT LINEAR REGULATOR
AZ2185 DIODES-AZ2185 Datasheet
338Kb / 9P
   3A LOW DROPOUT LINEAR REGULATOR
September 2017
logo
BCD Semiconductor Manuf...
AZ1085 BCDSEMI-AZ1085_07 Datasheet
264Kb / 17P
   3A LOW DROPOUT LINEAR REGULATOR
logo
ACE Technology Co., LTD...
ACE1085 ACE-ACE1085 Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com