Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EM65570S Fiches technique(PDF) 62 Page - ELAN Microelectronics Corp

No de pièce EM65570S
Description  68COM/98SEG 65K Color STN LCD Drivers
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EMC [ELAN Microelectronics Corp]
Site Internet  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM65570S Fiches technique(HTML) 62 Page - ELAN Microelectronics Corp

Back Button EM65570S Datasheet HTML 58Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 59Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 60Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 61Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 62Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 63Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 64Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 65Page - ELAN Microelectronics Corp EM65570S Datasheet HTML 66Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 102 page
background image
EM65570S
68COM/98SEG 65K Color STN LCD Drivers
56
Product Specification (V1.0) 04.18.2006
(This specification is subject to change without further notice)
SHIFT
The shift direction of display scanning data in the common driver output is selected.
SHIFT = “0”: COM0
→ COM67 shift-scan
SHIFT = “1”: COM67
→ COM0 shift-scan
ON/OFF
This register controls whether to turning on the LCD panel or not.
ON/OFF =”0”: Display OFF
ON/OFF =”1”: Display ON
8.2.5 Display Control (2) Register
D7 D6 D5 D4
D3
D2
D1
D0
CSB RS RDB WRB RE2 RE1 RE0
1
0
0
1
REV NLIN SWAP REF
0
1
1
0
0
0
0
(At the time of reset: {REV, NLIN, SWAP, REF}=0H, read address: 9H)
REV
Corresponding to the data of display RAM, the lighting or not-lighting of the display is
set up.
REV =”0”: When RAM data at “H”, LCD at ON voltage (normal)
REV =”1”: When RAM data at “L”, LCD at ON voltage (reverse)
NLIN
The NLIN control n-line alternated drive.
NLIN = “0”: n-line alternated drive OFF. In each frame, the alternated signals (M) are
reversed.
NLIN =”1”: n-line alternated drive ON. According to data set up in n-line alternated
register, the alternation is made.
REF, SWAP
The REF control the reverse of display or not
REF=”0” : Normal mode.
REF=’”1”: Reverse of display, Exchange display data of R and B
The SWAP control the display data of R and B exchange or not.
SWAP = “0”: Normal mode. SWAP = “1”: Exchange display data of R and B.


Numéro de pièce similaire - EM65570S

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65570 EMC-EM65570 Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65570AGH EMC-EM65570AGH Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
More results

Description similaire - EM65570S

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM65570 EMC-EM65570 Datasheet
929Kb / 100P
   68COM / 98SEG 65K Color STN LCD Driver
EM65571 EMC-EM65571 Datasheet
816Kb / 118P
   130COM / 128SEG 65K Color STN LCD Driver
logo
Sharp Corporation
LM130SS1T611 SHARP-LM130SS1T611 Datasheet
106Kb / 1P
   Color STN-LCD Module
LM8M64 SHARP-LM8M64_07 Datasheet
783Kb / 30P
   Color STN LCD Module
LM12S47 SHARP-LM12S47 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM12S402 SHARP-LM12S402 Datasheet
72Kb / 1P
   Color STN-LCD Module
LM64C350 SHARP-LM64C350 Datasheet
65Kb / 1P
   Color STN LCD Module
LM9V381 SHARP-LM9V381 Datasheet
50Kb / 1P
   Color STN-LCD Module
LM10V33 SHARP-LM10V33 Datasheet
46Kb / 1P
   Color STN LCD Module
LM12S48 SHARP-LM12S48 Datasheet
72Kb / 1P
   Color STN-LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com