Moteur de recherche de fiches techniques de composants électroniques |
|
TPSMC11A Fiches technique(PDF) 3 Page - EIC discrete Semiconductors |
|
TPSMC11A Fiches technique(HTML) 3 Page - EIC discrete Semiconductors |
3 / 3 page RATING AND CHARACTERISTIC CURVES ( TPSMC6.8 - TPSMC43A ) FIG.1 - PULSE DERATING CURVE FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT 0 25 50 75 100 125 150 175 Ta, AMBIENT TEMPERATURE, ( °C) NUMBER OF CYCLES AT 60Hz FIG.3 - TYPICAL JUNCTION CAPACITANCE FIG.4 - PULSE RATING CURVE FIG.5 - PULSE WAVEFORM 0 1.0 2.0 3.0 4.0 Page 3 of 3 Rev. 02 : March 25, 2005 80 60 40 20 120 10000 100 10 80 0 200 0 60 40 20 1000 10 0.1 100 1.0 td, PULSE WIDTH 100 100 10 20 60 1 2 4 6 40 100 10 1 0.1 µs 1.0 µs 10 µs 100 µs 10ms 1.0ms 200 V(BR) , BREAKDOWN VOLTAGE (V) 8.3 ms SINGLE HALF SINE WAVE JEDEC METHOD 50 100 0 Tr = 10 µs Peak Value IPPM Half Value - IPPM 2 TJ=25 °C Pulse Width (tp) is defined as that point where the peak current decays to 50% of IRSM tp 10X1000 Waveform as defined by R.E.A. t, TIME(ms) TJ = TJ max Ta = 25?C Non-repetitive pulse waveform shown in Fig. 5 100 VR measured at stand-off voltage, VWM VR measured at zero bias TJ = 25C f = 1MHz Vsig = 50mVp-p |
Numéro de pièce similaire - TPSMC11A |
|
Description similaire - TPSMC11A |