Moteur de recherche de fiches techniques de composants électroniques |
|
STBN513 Fiches technique(PDF) 3 Page - EIC discrete Semiconductors |
|
STBN513 Fiches technique(HTML) 3 Page - EIC discrete Semiconductors |
3 / 4 page ELECTRICAL CHARACTERISTICS Rating at 25 °C ambient temperature unless otherwise specified Breakdown Voltage @ It W orking Peak Maximum Maximum Maximum Maximum ( Note 1 ) Reverse Reverse Leakage Reverse Clamping Temperature Voltage @ VRWM Current Voltage @ IRSM Co-efficient VBR (V) It VRWM IR IRSM VRSM of VBR Min. Max. (mA) (V) ( µA) (A) (V) (% / °C) STBN062 55.8 68.2 1.0 50.2 5.0 16.9 89.0 0.104 STBN562 58.9 65.1 1.0 53.0 5.0 17.7 85.0 0.104 STBN068 61.2 74.8 1.0 55.1 5.0 15.3 98.0 0.104 STBN568 64.6 71.4 1.0 58.1 5.0 16.3 92.0 0.104 STBN075 67.5 82.5 1.0 60.7 5.0 13.9 108 0.105 STBN575 71.3 78.8 1.0 64.1 5.0 14.6 103 0.105 STBN082 73.8 90.2 1.0 66.4 5.0 12.7 118 0.105 STBN582 77.9 86.1 1.0 70.1 5.0 13.3 113 0.105 STBN091 81.9 100 1.0 73.7 5.0 11.4 131 0.106 STBN591 86.5 95.5 1.0 77.8 5.0 12.0 125 0.106 STBN0B0 90.0 110 1.0 81.0 5.0 10.4 144 0.106 STBN5B0 95.0 105 1.0 85.5 5.0 11.0 137 0.106 STBN0B1 99.0 121 1.0 89.2 5.0 9.5 158 0.107 STBN5B1 105 116 1.0 94.0 5.0 9.9 152 0.107 STBN0B2 108 132 1.0 97.2 5.0 8.7 173 0.107 STBN5B2 114 126 1.0 102 5.0 9.1 165 0.107 STBN0B3 117 143 1.0 105 5.0 8.0 187 0.107 STBN5B3 124 137 1.0 111 5.0 8.4 179 0.107 STBN0B5 135 165 1.0 121 5.0 7.0 215 0.108 STBN5B5 143 158 1.0 128 5.0 7.2 207 0.108 STBN0B6 144 176 1.0 130 5.0 6.5 230 0.108 STBN5B6 152 168 1.0 136 5.0 6.8 219 0.108 STBN0B7 153 187 1.0 138 5.0 6.2 244 0.108 STBN5B7 162 179 1.0 145 5.0 6.4 234 0.108 STBN0B8 162 198 1.0 146 5.0 5.8 258 0.108 STBN5B8 171 189 1.0 154 5.0 6.1 246 0.108 STBN0D0 180 220 1.0 162 5.0 5.2 287 0.108 STBN5D0 190 210 1.0 171 5.0 5.5 274 0.108 Note: ( 1 ) VBR measured after It applied for 300 µs., It = square wave pulse or equivalent. ( 2 ) "STB" will be omitted in marking on the diode. Page 3 of 4 Rev. 04 : March 25, 2005 TYPE |
Numéro de pièce similaire - STBN513 |
|
Description similaire - STBN513 |