Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW06P64B Fiches technique(PDF) 4 Page - EIC discrete Semiconductors

No de pièce BZW06P64B
Description  BIDIRECTIONAL TRANSIENT SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EIC [EIC discrete Semiconductors]
Site Internet  http://www.eicsemi.com
Logo EIC - EIC discrete Semiconductors

BZW06P64B Fiches technique(HTML) 4 Page - EIC discrete Semiconductors

  BZW06P64B Datasheet HTML 1Page - EIC discrete Semiconductors BZW06P64B Datasheet HTML 2Page - EIC discrete Semiconductors BZW06P64B Datasheet HTML 3Page - EIC discrete Semiconductors BZW06P64B Datasheet HTML 4Page - EIC discrete Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATING AND CHARACTERISTIC CURVES ( BZW06-5V8B SERIES )
FIG.1 - PULSE DERATING CURVE
FIG.2 - PULSE WAVEFORM
0
25
50
75
100
125
150
175
Ta, AMBIENT TEMPERATURE, (
°C)
FIG.3 - STEADY STATE POWER DERATING
FIG.4 - PULSE RATING CURVE
Page 4 of 4
Rev. 04 : August 29, 2005
80
60
40
20
120
5.00
100
10
0
1.25
3.75
0
0.1
2.50
1.0
tp, PULSE WIDTH
100
100
125
175
0
25
50
75
150
0.1
µs
1.0
µs
10
µs
100
µs
10ms
1.0ms
200
TL, LEAD TEMPERATURE (
°C)
tp
50
100
0
Tr = 10
µs
Peak Value
IRSM
Half Value - IRSM
T, TIME(ms)
1.0
2.0
3.0
4.0
0
2
TJ=25
°C
Pulse Width (tp) is defined
as that point where the peak
current decays to 50%
of IRSM
10X1000 Waveform
as defined by R.E.A.
Single Phase Half Wave
60 Hz Resistive or Inductive load


Numéro de pièce similaire - BZW06P64B

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
BZW06P64B SUNMATE-BZW06P64B Datasheet
467Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
More results

Description similaire - BZW06P64B

FabricantNo de pièceFiches techniqueDescription
logo
New Jersey Semi-Conduct...
1N6058A NJSEMI-1N6058A Datasheet
85Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6054A NJSEMI-1N6054A Datasheet
88Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6052 NJSEMI-1N6052 Datasheet
74Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6056A NJSEMI-1N6056A Datasheet
72Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6071A NJSEMI-1N6071A Datasheet
78Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6042 NJSEMI-1N6042 Datasheet
74Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6061A NJSEMI-1N6061A Datasheet
79Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6123A NJSEMI-1N6123A Datasheet
110Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
1N6050 NJSEMI-1N6050 Datasheet
93Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
logo
Digitron Semiconductors
1N6036 DIGITRON-1N6036 Datasheet
297Kb / 4P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com