Moteur de recherche de fiches techniques de composants électroniques |
|
1N5545CUR Fiches technique(PDF) 3 Page - Microsemi Corporation |
|
1N5545CUR Fiches technique(HTML) 3 Page - Microsemi Corporation |
3 / 3 page Low Voltage Surface Mount 500 mW Avalanche Diodes Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 3 Copyright 2003 10-13-2003 REV A SCOTTSD A L E DIVISION 1N5518BUR thru 1N5546BUR (or MLL5518B thru MLL5546B) GRAPHS and CIRCUIT FIGURE 1 Noise Density Noise density, (ND) is specified in microvolt-rms per square-root-hertz. Actual measurement is performed using a 1 kHz to 3 kHz frequency bandpass filter at a constant Zener test current (IZT) AT 25 oC ambient temperature. TEC TA TEC, End Cap Temperature ( oC) or TA Ambient temperature on FR4 PC board FIGURE 2 Power Derating Curve Measurement Circuit Zener Voltage VZ FIGURE 4 FIGURE 3 Capacitance vs. Zener Voltage (Typical) Zener Diode Characteristics and Symbol Identification PACKAGE DIMENSIONS INCHES MILLIMETERS DIM MIN MAX MIN MAX A 0.063 0.067 1.60 1.70 B 0.130 0.146 3.30 3.70 C 0.016 0.022 0.41 0.55 PAD LAYOUT INCHES mm A .200 5.08 B .055 1.40 C .080 2.03 |
Numéro de pièce similaire - 1N5545CUR |
|
Description similaire - 1N5545CUR |