Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1N5541BUR Fiches technique(PDF) 2 Page - Microsemi Corporation

No de pièce 1N5541BUR
Description  Low Voltage Surface Mount 500 mW Avalanche Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N5541BUR Fiches technique(HTML) 2 Page - Microsemi Corporation

  1N5541BUR Datasheet HTML 1Page - Microsemi Corporation 1N5541BUR Datasheet HTML 2Page - Microsemi Corporation 1N5541BUR Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Voltage Surface Mount
500 mW Avalanche Diodes
SCOTTSD A L E DIVISION
1N5518BUR thru 1N5546BUR
(or MLL5518B thru MLL5546B)
ELECTRICAL CHARACTERISTICS (TA = 25oC unless otherwise noted. Based on DC measurements at
thermal equilibrium; VF = 1.1 Max @ IF = 200 mA for all types.)
MAX. REVERSE CURRENT
(Note 4)
VR – VOLTS
JEDEC
TYPE
NUMBER
(Note 1 and
Note 7)
NOMINAL
ZENER
VOLTAGE
VZ @ IZT
(Note 2)
VOLTS
TEST
CURRENT
IZT
mAdc
MAX. ZENER
IMPEDANCE
B-C-D SUFFIX
ZZT @ IZT
(Note 3)
OHMS
IR
µAdc
NON & A-
SUFFIX
B-C-D
SUFFIX
B-C-D
SUFFIX
MAXIMUM
DC ZENER
CURRENT
IZM
(Note 5)
mAdc
B-C-D SUFFIX
MAX. NOISE
DENSITY
AT IZ = 250µA
ND
µV/ √Hz
REGULATION
FACTOR
∆VZ
(Note 6)
VOLTS
LOW VZ
CURRENT
IZL
(Note 6)
mAdc
1N5518UR
1N5519UR
1N5520UR
1N5521UR
1N5522UR
3.3
3.6
3.9
4.3
4.7
20
20
20
20
10
26
24
22
18
22
5.0
3.0
1.0
3.0
2.0
0.90
0.90
0.90
1.0
1.5
1.0
1.0
1.0
1.5
2.0
115
105
98
88
81
0.5
0.5
0.5
0.5
0.5
0.90
0.90
0.85
0.75
0.60
2.0
2.0
2.0
2.0
1.0
1N5523UR
1N5524UR
1N5525UR
1N5526UR
1N5527UR
5.1
5.6
6.2
6.8
7.5
5.0
3.0
1.0
1.0
1.0
26
30
30
30
35
2.0
2.0
1.0
1.0
0.5
2.0
3.0
4.5
5.5
6.0
2.5
3.5
5.0
6.2
6.8
75
68
61
56
51
0.5
1.0
1.0
1.0
2.0
0.65
0.30
0.20
0.10
0.05
0.25
0.25
0.01
0.01
0.01
1N5528UR
1N5529UR
1N5530UR
1N5531UR
1N5532UR
8.2
9.1
10.0
11.0
12.0
1.0
1.0
1.0
1.0
1.0
40
45
60
80
90
0.5
0.1
0.05
0.05
0.05
6.5
7.0
8.0
9.0
9.5
7.5
8.2
9.1
9.9
10.8
46
42
38
35
32
4.0
4.0
4.0
5.0
10
0.05
0.05
0.10
0.20
0.20
0.01
0.01
0.01
0.01
0.01
1N5533UR
1N5534UR
1N5535UR
1N5536UR
1N5537UR
13.0
14.0
15.0
16.0
17.0
1.0
1.0
1.0
1.0
1.0
90
100
100
100
100
0.01
0.01
0.01
0.01
0.01
10.5
11.5
12.5
13.0
14.0
11.7
12.6
13.5
14.4
15.3
29
27
25
24
22
15
20
20
20
20
0.20
0.20
0.20
0.20
0.20
0.01
0.01
0.01
0.01
0.01
1N5538UR
1N5539UR
1N5540UR
1N5541UR
1N5542UR
18.0
19.0
20.0
22.0
24.0
1.0
1.0
1.0
1.0
1.0
100
100
100
100
100
0.01
0.01
0.01
0.01
0.01
15.0
16.0
17.0
18.0
20.0
16.2
17.1
18.0
19.8
21.6
21
20
19
17
16
20
20
20
20
20
0.20
0.20
0.20
0.25
0.30
0.01
0.01
0.01
0.01
0.01
1N5543UR
1N5544UR
1N5545UR
1N5546UR
25.0
28.0
30.0
33.0
1.0
1.0
1.0
1.0
100
100
100
100
0.01
0.01
0.01
0.01
21.0
23.0
24.0
28.0
22.4
25.2
27.0
29.7
15
14
13
12
20
20
20
20
0.35
0.40
0.45
0.50
0.01
0.01
0.01
0.01
NOTES:
1.
TOLERANCE AND VOLTAGE DESIGNATION –
The JEDEC type numbers shown without a suffix letter prior to the UR are +/-20% with guaranteed limits for only VZ, IR, and VF.
Units with A suffix prior to the UR are +/-10% with guaranteed limits for VZ, IR, and VF. Units with guaranteed limits for all six
parameters are indicated by a B suffix for +/-5.0% units, C suffix for +/-2.0% and D suffix for +/-1.0% prior to the UR.
2.
ZENER VOLTAGE (VZ) MEASUREMENT –
Nominal zener voltage is measured with the device junction in thermal equilibrium with ambient temperature of 25
oC.
3.
ZENER IMPEDANCE (ZZ) MEASUREMENT –
The zener impedance is derived from the 60 Hz ac voltage, which results when an ac current having an rms value equal to 10%
of the dc zener current (IZT) is superimposed on IZT.
4.
REVERSE CURRENT (IR) –
Reverse currents are guaranteed and are measured at VR as shown on the table.
5.
MAXIMUM REGULATOR CURRENT (IZM) –
The maximum current shown is as shown in MIL-PRF-19500/437.
6.
MAXIMUM REGULATION FACTOR (
∆VZ) –
∆VZ is the maximum difference between VZ at IZT and VZ at IZL measured with the device junction in thermal equilibrium.
7.
PART NUMBER –
These may be ordered as either 1N5518UR thru 1N5546UR or as MLL5518 thru MLL5546 part numbers. For JAN, JANTX,
or JANTXV military types, see separate data sheet for the 1N5518UR-1 thru 1N5546UR-1 part numbers.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
10-13-2003 REV A


Numéro de pièce similaire - 1N5541BUR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N5541BUR MICROSEMI-1N5541BUR Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N5541BUR-1 MICROSEMI-1N5541BUR-1 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
1N5541BUR-1 MICROSEMI-1N5541BUR-1 Datasheet
111Kb / 2P
   ZENER DIODE, 500mW
More results

Description similaire - 1N5541BUR

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
1N5518B MICROSEMI-1N5518B Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
1N5985BUR-1 MICROSEMI-1N5985BUR-1 Datasheet
397Kb / 5P
   Surface Mount 500 mW Zener Diodes
Rev. 1
1N5221UR MICROSEMI-1N5221UR Datasheet
149Kb / 3P
   500 mW GLASS SURFACE MOUNT ZENER DIODES
1N4614UR-1 MICROSEMI-1N4614UR-1_V01 Datasheet
467Kb / 6P
   500 mW Metallurgically Bonded Glass Surface Mount Zener Diodes
Rev. 2
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
   400 mW low voltage avalanche low noise silicon zener diodes
logo
ON Semiconductor
MMSZ4XXXT1G ONSEMI-MMSZ4XXXT1G Datasheet
168Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZT SOD-123 Surface Mount
April, 2018 - Rev. 12
MM5Z4XXXTXG ONSEMI-MM5Z4XXXTXG Datasheet
198Kb / 7P
   Zener Voltage Regulators 500 mW, Low IZ SOD??23 Surface Mount
November, 2020 ??Rev. 3
logo
Microsemi Corporation
1N6309US MICROSEMI-1N6309US Datasheet
461Kb / 3P
   VOIDLESS-HERMETICALLY-SEALED Surface Mount 500 mW Glass Zener Diodes
logo
Leshan Radio Company
LMSZ4678T1G LRC-LMSZ4678T1G Datasheet
129Kb / 6P
   500 mW SOD??23 Surface Mount
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com