Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1PS89SS04 Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce 1PS89SS04
Description  High-speed double diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

1PS89SS04 Fiches technique(HTML) 6 Page - NXP Semiconductors

Back Button 1PS89SS04 Datasheet HTML 2Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 3Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 4Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 5Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 6Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 7Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 8Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 9Page - NXP Semiconductors 1PS89SS04 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1999 Jun 08
6
Philips Semiconductors
Preliminary specification
High-speed double diodes
1PS89SS04; 1PS89SS05;
1PS89SS06
Fig.10 Reverse recovery voltage test circuit and waveforms.
(1) IR = 1 mA.
Input signal: reverse pulse rise time tr = 0.6 ns; reverse voltage pulse duration tp = 100 ns; duty factor δ = 0.05;
Oscilloscope: rise time tr = 0.35 ns.
handbook, full pagewidth
t rr
(1)
I F
t
output signal
t r
t
t p
10%
90%
VR
input signal
V = V
I x R
RF
S
R = 50
S
IF
D.U.T.
R = 50
i
SAMPLING
OSCILLOSCOPE
MGA881
Fig.11 Forward recovery voltage test circuit and waveforms.
Input signal: forward pulse rise time tr = 20 ns; forward current pulse duration tp ≥ 100 ns; duty factor δ≤ 0.005.
t r
t
t p
10%
90%
I
input
signal
R = 50
S
I
R = 50
i
OSCILLOSCOPE
1 k
450
D.U.T.
MGA882
V fr
t
output
signal
V


Numéro de pièce similaire - 1PS89SS04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
1PS89SB14 PHILIPS-1PS89SB14 Datasheet
44Kb / 8P
   Schottky barrier double diodes
1998 Nov 10
1PS89SB15 PHILIPS-1PS89SB15 Datasheet
44Kb / 8P
   Schottky barrier double diodes
1998 Nov 10
1PS89SB16 PHILIPS-1PS89SB16 Datasheet
44Kb / 8P
   Schottky barrier double diodes
1998 Nov 10
1PS89SB74 PHILIPS-1PS89SB74 Datasheet
55Kb / 8P
   Schottky barrier double diode
2001 Apr 20
More results

Description similaire - 1PS89SS04

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
PMBD2837 PHILIPS-PMBD2837 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
PMBD2835 PHILIPS-PMBD2835 Datasheet
43Kb / 8P
   High-speed double diodes
1996 Sep 18
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
1N4148113 NXP-1N4148113 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com