Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CSHD5-40 Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce CSHD5-40
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 THRU 100 VOLTS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CSHD5-40 Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  CSHD5-40 Datasheet HTML 1Page - Central Semiconductor Corp CSHD5-40 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS: (TA=25°C unless otherwise noted)
CSHD5
CSHD5
CSHD5
SYMBOL
-40
-60
-100
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
60
100
V
DC Blocking Voltage
VR
40
60
100
V
RMS Reverse Voltage
VR(RMS)
28
42
71
V
Average Forward Current (TL=75°C)
IO
5.0
A
Peak Forward Surge Current (8.3ms)
IFSM
100
A
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJL
5.0
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IR
VR=Rated VRRM
0.2
mA
IR
VR=Rated VRRM, TL=100°C
20
mA
VF
IF=5.0A (CSHD5-40)
0.55
V
VF
IF=5.0A (CSHD5-60)
0.75
V
VF
IF=5.0A (CSHD5-100)
0.85
V
CSHD5-40
CSHD5-60
CSHD5-100
SURFACE MOUNT
SCHOTTKY BARRIER RECTIFIER
5.0 AMP, 40 THRU 100 VOLTS
DPAK RECTIFIER CASE
Central
Semiconductor Corp.
TM
R0 (10-August 2005)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR 5.0 Amp
Surface Mount Silicon Schottky Rectifier is a
high quality, well constructed, highly reliable
component designed for use in all types of
commercial, industrial, entertainment,
computer, and automotive applications.
MARKING CODE: FULL PART NUMBER


Numéro de pièce similaire - CSHD5-40

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CSHD5-40 CENTRAL-CSHD5-40 Datasheet
358Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHD5-40 CENTRAL-CSHD5-40 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
CSHD5-40 CENTRAL-CSHD5-40_10 Datasheet
358Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHD5-40 CENTRAL-CSHD5-40_11 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHD5-40 CENTRAL-CSHD5-40_15 Datasheet
1Mb / 3P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIERS
More results

Description similaire - CSHD5-40

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CSHD5-40 CENTRAL-CSHD5-40_11 Datasheet
1Mb / 3P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CSHD5-40 CENTRAL-CSHD5-40_10 Datasheet
358Kb / 2P
   SURFACE MOUNT SCHOTTKY RECTIFIER 5 AMP, 40 THRU 100 VOLTS
CZSH5-40 CENTRAL-CZSH5-40 Datasheet
72Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS
CSHDD8-40 CENTRAL-CSHDD8-40_10 Datasheet
546Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 8 AMP, 40 THRU 100 VOLTS
CMSH5-20 CENTRAL-CMSH5-20 Datasheet
68Kb / 2P
   HIGH DENSITY SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 20 THRU 100 VOLTS
CMSH3-20MA CENTRAL-CMSH3-20MA Datasheet
145Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER SILICON RECTIFIER 3.0 AMP, 20 THRU 100 VOLTS
CMSH1-40HE CENTRAL-CMSH1-40HE Datasheet
284Kb / 2P
   SURFACE MOUNT SILICON SCHOTTKY RECTIFIER 1 AMP, 40 THRU 200 VOLTS
CMSH1-20M CENTRAL-CMSH1-20M Datasheet
121Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
CMSH2-20-1 CENTRAL-CMSH2-20-1 Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 2.0 AMP, 20 THRU 100 VOLTS
CMSH1-20 CENTRAL-CMSH1-20 Datasheet
310Kb / 2P
   SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 THRU 100 VOLTS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com