Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW61D Fiches technique(PDF) 1 Page - Central Semiconductor Corp

No de pièce BCW61D
Description  SURFACE MOUNT PNP SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CENTRAL [Central Semiconductor Corp]
Site Internet  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BCW61D Fiches technique(HTML) 1 Page - Central Semiconductor Corp

  BCW61D Datasheet HTML 1Page - Central Semiconductor Corp BCW61D Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS (TA=25°C)
SYMBOL
UNITS
Collector-Emitter Voltage
VCEO
32
V
Collector-Base Voltage
VCBO
32
V
Emitter-Base Voltage
VEBO
5.0
V
Collector Current
IC
100
mA
Power Dissipation
PD
350
mW
Operating and Storage
Junction Temperature
TJ,Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=32V
20
nA
ICES
VCE=32V, TA=150°C
20
µA
BVCEO
IC=2.0mA
32
V
BVEBO
IE=1.0µA
5.0
V
VCE(SAT)
IC=10mA, IB=250µA
0.25
V
VCE(SAT)
IC=50mA, IB=1.25mA
0.55
V
VBE(SAT)
IC=10mA, IB=250µA
0.60
0.85
V
VBE(SAT)
IC=50mA, IB=1.25mA
0.68
1.05
V
VBE(ON)
VCE=5.0V, IC=2.0mA
0.60
0.75
V
Cob
VCB=10V, IC=0, f=1.0MHz
6.0
pF
NF
VCE=5.0V, IC=0.2mA, RS=2.0kΩ, f=1.0kHz, BW=200Hz
6.0
dB
ton
VCC=10V, IC=10mA, RL=990Ω, IB1=IB2=1.0mA
150
ns
ton
VCC=10V, IC=10mA, RL=990Ω, IB1=IB2=1.0mA
800
ns
BCW61B
BCW61C
BCW61D
MIN
MAX
MIN
MAX
MIN
MAX
hFE
VCE=5.0V, IC=10µA
30
40
100
hFE
VCE=5.0V, IC=2.0mA
140
310
250
460
380
630
hFE
VCE=1.0V, IC=50mA
80
100
100
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz
175
350
250
500
350
700
BCW61B
BCW61C
BCW61D
SURFACE MOUNT
PNP SILICON TRANSISTOR
SOT-23 CASE
Central
Semiconductor Corp.
TM
R1 (20-February 2003)
DESCRIPTION:
The CENTRAL SEMICONDUCTOR BCW61B
Series types are PNP Silicon Transistors
manufactured by the epitaxial planar process,
epoxy molded in a surface mount package,
designed for low level, low noise applications.
MARKING CODES: BCW61B : BB
BCW61C : BC
BCW61D : BD


Numéro de pièce similaire - BCW61D

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BCW61D PHILIPS-BCW61D Datasheet
42Kb / 8P
   PNP general purpose transistors
1999 Apr 12
logo
Infineon Technologies A...
BCW61D INFINEON-BCW61D Datasheet
169Kb / 11P
   PNP Silicon AF Transistors
2007-10-18
logo
Samsung semiconductor
BCW61D SAMSUNG-BCW61D Datasheet
33Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Allied Components Inter...
BCW61D ALLIED-BCW61D Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Siemens Semiconductor G...
BCW61D SIEMENS-BCW61D Datasheet
271Kb / 9P
   PNP Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Description similaire - BCW61D

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CMPT7410 CENTRAL-CMPT7410_15 Datasheet
393Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Galaxy Semi-Conductor H...
CXT5401 BILIN-CXT5401 Datasheet
167Kb / 3P
   Surface Mount PNP Silicon Transistor
logo
Central Semiconductor C...
CMPT2907A CENTRAL-CMPT2907A_10 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BC856 CENTRAL-BC856_10 Datasheet
331Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCW67 CENTRAL-BCW67 Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
BCX71 CENTRAL-BCX71 Datasheet
329Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
CMPT4209 CENTRAL-CMPT4209 Datasheet
330Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
ON Semiconductor
BF721T1 ONSEMI-BF721T1 Datasheet
105Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1998 REV 4
PZT2907AT1 ONSEMI-PZT2907AT1 Datasheet
139Kb / 6P
   PNP SILICON TRANSISTOR SURFACE MOUNT
1996 REV 4
logo
Motorola, Inc
BF721T1 MOTOROLA-BF721T1 Datasheet
75Kb / 4P
   PNP SILICON TRANSISTOR SURFACE MOUNT
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com