Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VTT1225 Fiches technique(PDF) 1 Page - PerkinElmer Optoelectronics

No de pièce VTT1225
Description  .025 NPN Phototransistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERKINELMER [PerkinElmer Optoelectronics]
Site Internet  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

VTT1225 Fiches technique(HTML) 1 Page - PerkinElmer Optoelectronics

  VTT1225 Datasheet HTML 1Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
94
.025" NPN Phototransistors
Clear T-1¾ (5 mm) Plastic Package
VTT1225, 26, 27
PACKAGE DIMENSIONS inch (mm)
CASE 26
T-1¾ (5 mm)
CHIP TYPE: 25T
PRODUCT DESCRIPTION
A small area high speed NPN silicon phototransistor
mounted in a 5 mm diameter lensed, end looking,
transparent plastic package. Detectors in this series have
a half power acceptance angle (
θ
1/2) of 5°. These devices
are spectrally and mechanically matched to the VTE12xx
series of IREDs.
ABSOLUTE MAXIMUM RATINGS
(@ 25°C unless otherwise noted)
Maximum Temperatures
Storage Temperature:
-40°C to 100°C
Operating Temperature:
-40°C to 100°C
Continuous Power Dissipation:
50 mW
Derate above 30°C:
0.71 mW/°C
Maximum Current:
25 mA
Lead Soldering Temperature:
260°C
(1.6 mm from case, 5 sec. max.)
ELECTRO-OPTICAL CHARACTERISTICS @ 25°C (See also typical curves, pages 91-92)
Refer to General Product Notes, page 2.
Part Number
Light Current
Dark Current
Collector
Breakdown
Emitter
Breakdown
Saturation
Voltage
Rise/Fall Time
Angular
Response
θ
1/2
lC
lCEO
VBR(CEO)
VBR(ECO)
VCE(SAT)
tR/tF
mA
H
fc (mW/cm2)
VCE = 5.0 V
H = 0
lC = 100 µA
H = 0
lE = 100 µA
H = 0
lC = 1.0 mA
H = 400 fc
lC = 1.0 mA
RL = 100 Ω
Min.
Max.
(nA)
Max.
VCE
(Volts)
Volts, Min.
Volts, Min.
Volts, Max.
µsec, Typ.
Typ.
VTT1225
4.0
100 (5)
100
10
30
5.0
0.25
1.5
±5°
VTT1226
7.5
100 (5)
100
10
30
5.0
0.25
3.0
±5°
VTT1227
12.0
100 (5)
100
10
30
5.0
0.25
4.0
±5°
PerkinElmer Optoelectronics, 10900 Page Ave., St. Louis, MO 63132 USA
Phone: 314-423-4900 Fax: 314-423-3956 Web: www.perkinelmer.com/opto


Numéro de pièce similaire - VTT1225

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
VTT1225H ETC2-VTT1225H Datasheet
275Kb / 3P
   Low-cost visible and near-IR photodetection
More results

Description similaire - VTT1225

FabricantNo de pièceFiches techniqueDescription
logo
PerkinElmer Optoelectro...
VTT3423LA PERKINELMER-VTT3423LA Datasheet
22Kb / 1P
   .025 NPN Phototransistors
VTT7122 PERKINELMER-VTT7122 Datasheet
21Kb / 1P
   .025 NPN Phototransistors
VTT1222W PERKINELMER-VTT1222W Datasheet
22Kb / 1P
   .025 NPN Phototransistors
VTT3323LA PERKINELMER-VTT3323LA Datasheet
22Kb / 1P
   .025 NPN Phototransistors
VTT7222 PERKINELMER-VTT7222 Datasheet
21Kb / 1P
   .025 NPN Phototransistors
logo
OPTEK Technologies
OP800 OPTEK-OP800 Datasheet
92Kb / 2P
   NPN Silicon Phototransistors
OP555 OPTEK-OP555 Datasheet
222Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
OP509 OPTEK-OP509 Datasheet
83Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
OP600 OPTEK-OP600 Datasheet
90Kb / 2P
   NPN SILICON PHOTOTRANSISTORS
logo
PerkinElmer Optoelectro...
VTT1115 PERKINELMER-VTT1115 Datasheet
23Kb / 1P
   .050 NPN Phototransistors
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com