Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VND5050AJ-E Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce VND5050AJ-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJ-E Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button VND5050AJ-E Datasheet HTML 18Page - STMicroelectronics VND5050AJ-E Datasheet HTML 19Page - STMicroelectronics VND5050AJ-E Datasheet HTML 20Page - STMicroelectronics VND5050AJ-E Datasheet HTML 21Page - STMicroelectronics VND5050AJ-E Datasheet HTML 22Page - STMicroelectronics VND5050AJ-E Datasheet HTML 23Page - STMicroelectronics VND5050AJ-E Datasheet HTML 24Page - STMicroelectronics VND5050AJ-E Datasheet HTML 25Page - STMicroelectronics VND5050AJ-E Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
VND5050AJ-E / VND5050AK-E
Package information
23/26
5.2
Packing information
Figure 35. PowerSSO-12 Tube Shipment (No Suffix)
Figure 36. PowerSSO-12 Tape And Reel Shipment (Suffix “TR”)
All dimensions are in mm.
Base Q.ty
100
Bulk Q.ty
2000
Tube length (± 0.5)
532
A1.85
B6.75
C (± 0.1)
0.6
A
C
B
Base Q.ty
2500
Bulk Q.ty
2500
A (max)
330
B (min)
1.5
C (± 0.2)
13
F20.2
G (+ 2 / -0)
12.4
N (min)
60
T (max)
18.4
REEL DIMENSIONS
TAPE DIMENSIONS
According to Electronic Industries Association
(EIA) Standard 481 rev. A, Feb. 1986
All dimensions are in mm.
Tape width
W
12
Tape Hole Spacing
P0 (± 0.1)
4
Component Spacing
P
8
Hole Diameter
D (± 0.05)
1.5
Hole Diameter
D1 (min)
1.5
Hole Position
F (± 0.1)
5.5
Compartment Depth
K (max)
4.5
Hole Spacing
P1 (± 0.1)
2
Top
cover
tape
End
Start
No components
No components
Components
500mm min
500mm min
Empty components pockets
saled with cover tape.
User direction of feed


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn