Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VND5050AJ-E Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce VND5050AJ-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJ-E Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button VND5050AJ-E Datasheet HTML 9Page - STMicroelectronics VND5050AJ-E Datasheet HTML 10Page - STMicroelectronics VND5050AJ-E Datasheet HTML 11Page - STMicroelectronics VND5050AJ-E Datasheet HTML 12Page - STMicroelectronics VND5050AJ-E Datasheet HTML 13Page - STMicroelectronics VND5050AJ-E Datasheet HTML 14Page - STMicroelectronics VND5050AJ-E Datasheet HTML 15Page - STMicroelectronics VND5050AJ-E Datasheet HTML 16Page - STMicroelectronics VND5050AJ-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VND5050AJ-E / VND5050AK-E
Electrical specifications
13/26
Figure 15. On State Resistance Vs. Tcase
Figure 16. On State Resistance Vs. VCC
Figure 17. Undervoltage Shutdown
Figure 18. ILIMH Vs. Tcase
Figure 19. Turn-on Voltage Slope
Figure 20. Turn-off Voltage Slope
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
10
20
30
40
50
60
70
80
90
100
Ron (mOhm)
Iout=2A
Vcc=13V
0
5
10
15
20
25
30
35
40
Vcc (V)
0
10
20
30
40
50
60
70
80
90
100
Ron (mOhm)
Tc= - 40°C
Tc= 25°C
Tc= 125°C
Tc= 150°C
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
2
4
6
8
10
12
14
16
Vusd (V)
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
5
7.5
10
12.5
15
17.5
20
22.5
25
Ilimh (A)
Vcc=13V
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
1000
(dVout/dt)on (V/ms)
Vcc=13V
RI=6.5Ohm
-50
-25
0
25
50
75
100
125
150
175
Tc (°C)
0
100
200
300
400
500
600
700
800
900
1000
(dVout/dt)off (V/ms)
Vcc=13V
RI=6.5Ohm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn