Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

VND5050AJ-E Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce VND5050AJ-E
Description  Double channel high side driver with analog current sense for automotive applications
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5050AJ-E Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button VND5050AJ-E Datasheet HTML 5Page - STMicroelectronics VND5050AJ-E Datasheet HTML 6Page - STMicroelectronics VND5050AJ-E Datasheet HTML 7Page - STMicroelectronics VND5050AJ-E Datasheet HTML 8Page - STMicroelectronics VND5050AJ-E Datasheet HTML 9Page - STMicroelectronics VND5050AJ-E Datasheet HTML 10Page - STMicroelectronics VND5050AJ-E Datasheet HTML 11Page - STMicroelectronics VND5050AJ-E Datasheet HTML 12Page - STMicroelectronics VND5050AJ-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VND5050AJ-E / VND5050AK-E
Electrical specifications
9/26
CONDITIONS
INPUT
OUTPUT
SENSE (VCSD=0V)
(1)
Figure 6.
Switching characteristics
Figure 7.
Output Voltage Drop Limitation
Table 9.
Truth table
(1) If the VCSD is high, the SENSE output is at a high impedance, its potential depends on leakage currents
and external circuit.
Normal operation
L
H
L
H
0
Nominal
Overtemperature
L
H
L
L
0
VSENSEH
Undervoltage
L
H
L
L
0
0
Short circuit to GND
(Rsc ≤ 10 mΩ)
L
H
H
L
L
L
0
0 if Tj < TTSD
VSENSEH if Tj > TTSD
Short circuit to VCC
L
H
H
H
0
< Nominal
Negative output voltage
clamp
LL
0
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
td(off)
td(on)
INPUT
t
t
90%
tWon
tWoff
Von
Iout
Vcc-Vout
Tj=150
oC
Tj=25
oC
Tj=-40
oC
Von/Ron(T)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn