Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6565 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LA6565
Description  Five-Channel CD Actuator Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6565 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LA6565 Datasheet HTML 1Page - Sanyo Semicon Device LA6565 Datasheet HTML 2Page - Sanyo Semicon Device LA6565 Datasheet HTML 3Page - Sanyo Semicon Device LA6565 Datasheet HTML 4Page - Sanyo Semicon Device LA6565 Datasheet HTML 5Page - Sanyo Semicon Device LA6565 Datasheet HTML 6Page - Sanyo Semicon Device LA6565 Datasheet HTML 7Page - Sanyo Semicon Device LA6565 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENN7817
52404TN (OT) No.7817-1/8
Overview
The LA6565 is a four-channel BTL plus one-channel H bridge actuator driver developed for use in CD and DVD
drives. The BTL driver channels 1 and 2 include built-in operational amplifiers allowing the LA6565 to support a wide
range of applications.
Application
• Five-channel (BTL: 4 channels, H bridge: 1 channel) CD motor driver
Features and Functions
• Five power amplifier channels on a single chip (Bridge connection (BTL): 4 channels, H bridge: 1 channel)
• IO max: 1 A
• Built-in level shifters (except for the H bridge channel)
• Muting circuits (output on/off, two systems)
(The muting circuits operate for the BTL amplifiers. They do not apply to the H bridge or regulator circuits.)
• Built-in regulator (Uses an external pnp transistor and is set with an external resistor.)
• Output voltage setting function (loading driver)
• Built-in independent operational amplifiers
• Thermal shutdown circuit
SANYO Semiconductors
DATA SHEET
LA6565
Monolithic Linear IC
Five-Channel CD Actuator Driver
(BTL: 4 channels, H bridge: 1 channel)
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft's
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Specifications
Maximum Ratings at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC max
14
V
Allowable power dissipation
Pd max
Independent IC
0.8
W
Specified PCB*
2W
Maximum output current
IO max
For each of the channel 1 to 4 and H bridge outputs
1
A
Maximum input voltage
VINB
13
V
MUTE pin voltage
VMUTE
13
V
Operating temperature
Topr
–30 to +85
°C
Storage temperature
Tstg
–55 to +150
°C
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
5.6 to 13
V
Note *:Specified PCB (76.1mm
× 114.3mm × 1.6mm), PCB meterial : glass epoxy


Numéro de pièce similaire - LA6565

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6565 SANYO-LA6565 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
   Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
LA6565 SANYO-LA6565_09 Datasheet
122Kb / 8P
   For CD and DVD players 5-channel Driver (BTL:4ch,H-bridge:1ch)
More results

Description similaire - LA6565

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6565VR SANYO-LA6565VR Datasheet
95Kb / 9P
   Monolithic Linear IC Five-Channel CD Actuator Driver (BTL: 4 channels, H bridge: 1 channel)
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
logo
STMicroelectronics
TDA7278 STMICROELECTRONICS-TDA7278 Datasheet
142Kb / 15P
   HIGH-EFFICIENCY CD ACTUATOR DRIVER
logo
Sanyo Semicon Device
LB8107M SANYO-LB8107M Datasheet
242Kb / 10P
   Portable CD Player Actuator Driver
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
   Five-Channel Driver
LA6560 SANYO-LA6560 Datasheet
105Kb / 9P
   Five-Channel Driver
logo
Sony Corporation
CXA2680ER SONY-CXA2680ER Datasheet
52Kb / 2P
   Five-Channel Dual CD/DVD Laser Driver for Ultra Combo Drives
logo
Sanyo Semicon Device
LB8108M SANYO-LB8108M Datasheet
282Kb / 12P
   Actuator Driver for Portable CD Players?
logo
LSI Computer Systems
BH6526FV LSI-BH6526FV Datasheet
179Kb / 2P
   Actuator/Motor Driver for CD-ROM
logo
Sanyo Semicon Device
LB8106M SANYO-LB8106M Datasheet
215Kb / 10P
   Actuator Driver for Portable CD Players
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com