Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA124N Fiches technique(PDF) 2 Page - AUK corp

No de pièce STA124N
Description  PNP Silicon Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AUK [AUK corp]
Site Internet  https:www.auk.co.kr
Logo AUK - AUK corp

STA124N Fiches technique(HTML) 2 Page - AUK corp

  STA124N Datasheet HTML 1Page - AUK corp STA124N Datasheet HTML 2Page - AUK corp STA124N Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KSD-T0C018-001
2
STA124N
Absolute Maximum Ratings
(Ta=25
°C)
Characteristic
Symbol
Rating
Unit
Collector-base voltage
VCBO
-15
V
Collector-emitter voltage
VCEO
-12
V
Emitter-base voltage
VEBO
-6.5
V
Collector current
IC
-1
A
Collector power dissipation
PC
400
mW
Junction temperature
TJ
150
°C
Storage temperature range
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min. Typ. Max.
Unit
Collector-emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-12
-
-
V
Collector cut-off current
ICBO
VCB=-15V, IE=0
-
-
-0.1
µA
Emitter cut-off current
IEBO
VEB=-6.5V, IC=0
-
-
-0.1
µA
DC current gain
hFE
VCE=-1V, IC=-100mA
200
-
450
-
Collector-emitter saturation voltage
VCE(sat)
IC=-500mA, IB=-50mA
-
-0.2
-0.4
V
Base-emitter voltage
VBE
VCE=-1V, IC=-100mA
-
-0.7
-0.9
V
Transition frequency
fT
VCE=-5V, IC=-50mA
-
260
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
5
-
pF


Numéro de pièce similaire - STA124N

FabricantNo de pièceFiches techniqueDescription
logo
AUK corp
STA124 AUK-STA124 Datasheet
124Kb / 3P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STA124 KODENSHI-STA124 Datasheet
187Kb / 4P
   PNP Silicon Transistor
logo
Jiangsu Changjiang Elec...
STA124 JIANGSU-STA124 Datasheet
462Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
STA124 DGNJDZ-STA124 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
STA124-TA DGNJDZ-STA124-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - STA124N

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com