Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

2SK3579-01MR Fiches technique(PDF) 1 Page - Fuji Electric

No de pièce 2SK3579-01MR
Description  N-CHANNEL SILICON POWER MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJI [Fuji Electric]
Site Internet  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK3579-01MR Fiches technique(HTML) 1 Page - Fuji Electric

  2SK3579-01MR Datasheet HTML 1Page - Fuji Electric 2SK3579-01MR Datasheet HTML 2Page - Fuji Electric 2SK3579-01MR Datasheet HTML 3Page - Fuji Electric 2SK3579-01MR Datasheet HTML 4Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
TO-220F
Item
Symbol
Ratings
Unit
Drain-source voltage
VDS
150
VDSX *5
130
Continuous drain current
ID
±23
Pulsed drain current
ID(puls]
±96
Gate-source voltage
VGS
±20
Repetitive or non-repetitive
IAR *2
23
Maximum Avalanche Energy
EAS*1
242
Maximum Drain-Source dV/dt
dVDS/dt *4
20
Peak Diode Recovery dV/dt
dV/dt *3
5
Max. power dissipation
PD
Ta=25°C
2.1
Tc=25°C
40
Operating and storage
Tch
+150
temperature range
Tstg
Isolation Voltage
VISO *6
2
Electrical characteristics (Tc =25°C unless otherwise specified)
Thermalcharacteristics
2SK3579-01MR
FUJI POWER MOSFET
N-CHANNEL SILICON POWER MOSFET
Applications
Switching regulators
UPS (Uninterruptible Power Supply)
DC-DC converters
Maximum ratings and characteristicAbsolute maximum ratings
(Tc=25°C unless otherwise specified)
Item
Symbol
Test Conditions
Zero gate voltage drain current
IDSS
VDS=150V VGS=0V
VDS=120V VGS=0V
VGS=±20V
ID=11.5A
ID=11.5A
VDS=25V
VCC=48V ID=11.5A
VGS=10V
RGS=10
Min.
Typ.
Max.
Units
V
V
µA
nA
m
S
pF
nC
%/°C
A
V
µs
µC
ns
Min.
Typ.
Max.
Units
Thermal resistance
Rth(ch-c)
channel to case
Rth(ch-a)
channel to ambient
3.125
58.0
°C/W
°C/W
Symbol
V(BR)DSS
VGS(th)
IGSS
RDS(on)
gfs
Ciss
Coss
Crss
td(on)
tr
td(off)
tf
QG
QGS
QGD
Rg
∆Rg/∆Τch
IAV
VSD
trr
Qrr
Item
Drain-source breakdown voltaget
Gate threshold voltage
Gate-source leakage current
Drain-source on-state resistance
Forward transcondutance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on time ton
Turn-off time toff
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
Gate-Internal Resistance
(Tep.Confficient)
Avalanche capability
Diode forward on-voltage
Reverse recovery time
Reverse recovery charge
Test Conditions
ID=250µA
VGS=0V
ID= 250µA
VDS=VGS
Tch=25°C
Tch=125°C
VDS=0V
VDS=75V
VGS=0V
f=1MHz
VCC=48V
ID=23A
VGS=10V
L=100µH Tch=25°C
IF=23A VGS=0V Tch=25°C
IF=23A VGS=0V
-di/dt=100A/µs
Tch=25°C
V
V
A
A
V
A
mJ
kV/µs
kV/µs
W
°C
°C
kVrms
150
1.0
2.5
25
250
10
100
65
90
12
24
1470
2200
190
285
18
27
24
36
23
35
300
450
45
68
48
72
69
12
18
23.3
39
54.4
0.12
23
1.10
1.65
0.13
0.6
-55 to +150
Outline Drawings
*1 L=0.67mH, Vcc=48V
*2 Tch=150°C
<
*3 IF=-ID, -di/dt=50A/µs, Vcc=BVDSS, Tch=150°C
<
<<
Equivalent circuit schematic
Gate(G)
Source(S)
Drain(D)
Super FAP-G Series
=
<
VGS=10V
*4 VDS 250V
*5 VGS=-20V
*6 t=60sec f=60Hz
Features
High speed switching
Low on-resistance
No secondary breadown
Low driving power
Avalanche-proof


Html Pages

1  2  3  4 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
4AM16 Silicon N-Channel/P-Channel Power MOSFET Array 1  2  3  4  5  More Hitachi Semiconductor
2SK821 FAST SWITCHING N-CHANNEL SILICON POWER MOSFET 1  2  3  4  NEC
2SK3778-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3931-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3528-01R N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK1007-01 N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK957-MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3318 Silicon N-channel power MOSFET 1  2  3  Panasonic Semiconductor
2SK3779-01R N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric
2SK3932-01MR N-CHANNEL SILICON POWER MOSFET 1  2  3  4  Fuji Electric

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn