Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APL1541 Fiches technique(PDF) 5 Page - Anpec Electronics Coropration

No de pièce APL1541
Description  1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1541 Fiches technique(HTML) 5 Page - Anpec Electronics Coropration

  APL1541 Datasheet HTML 1Page - Anpec Electronics Coropration APL1541 Datasheet HTML 2Page - Anpec Electronics Coropration APL1541 Datasheet HTML 3Page - Anpec Electronics Coropration APL1541 Datasheet HTML 4Page - Anpec Electronics Coropration APL1541 Datasheet HTML 5Page - Anpec Electronics Coropration APL1541 Datasheet HTML 6Page - Anpec Electronics Coropration APL1541 Datasheet HTML 7Page - Anpec Electronics Coropration APL1541 Datasheet HTML 8Page - Anpec Electronics Coropration APL1541 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Oct., 2003
APL1541
www.anpec.com.tw
5
0
0.5
1
1.5
2
2.5
3
3.5
01
2
3
4
56
7
8
9
0.9
0.95
1
1.05
1.1
1.15
1.2
1.25
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
-20
30
80
130
180
-0.05
0
0.05
0.1
0.15
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-100
100
300
500
700
900
-0.03
-0.02
-0.01
0
0.01
0.02
Typical Characteristics
Load Transietn Response
Time (
µS)
CIN=10
µF
COUT=10
µF Tantalum
VIN=5V
APL1541-33
Line Transient Response
APL1541-33
Time (
µS)
CIN=10
µF
COUT=10
µF Tantalum
IOUT=0.1A
Dropout Voltage vs. Output Current
Output Current (A)
APL1541-33
Input Voltage (V)
Output Voltage vs. Input Voltage
APL1541-33


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
APL1087 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1  2  3  4  5  More Anpec Electronics Coropration
APL1087E 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1  2  3  4  5  More Anpec Electronics Coropration
APL1087R 800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V and 3.3V 1  2  3  4  5  More Anpec Electronics Coropration
APL1086 1.5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V 2.85V and 3.3V 1  2  3  4  5  More Anpec Electronics Coropration
APL1117 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V 2.85V and 3.3V 1  2  3  4  5  More Anpec Electronics Coropration
HPL1117 1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V 2.5V 2.85V 3.3V and 5V 1  2  3  4  5  More List of Unclassifed Manufacturers
APL1084 5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V 1  2  3  4  5  More Anpec Electronics Coropration
APL1117D 1A Low Dropout Fast Response Positive Regulator Fixed 3.3V and 5.0V 1  2  3  4  5  More Anpec Electronics Coropration
LD1585C 5A LOW DROPOUT FAST RESPONSE POSITIVE VOLTAGE REGULATOR ADJUSTABLE AND FIXED 1  2  3  4  5  More STMicroelectronics
LT1585A 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR 1  2  3  4  5  More ON Semiconductor

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn