Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

APL1087R Fiches technique(PDF) 5 Page - Anpec Electronics Coropration

No de pièce APL1087R
Description  800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANPEC [Anpec Electronics Coropration]
Site Internet  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1087R Fiches technique(HTML) 5 Page - Anpec Electronics Coropration

  APL1087R Datasheet HTML 1Page - Anpec Electronics Coropration APL1087R Datasheet HTML 2Page - Anpec Electronics Coropration APL1087R Datasheet HTML 3Page - Anpec Electronics Coropration APL1087R Datasheet HTML 4Page - Anpec Electronics Coropration APL1087R Datasheet HTML 5Page - Anpec Electronics Coropration APL1087R Datasheet HTML 6Page - Anpec Electronics Coropration APL1087R Datasheet HTML 7Page - Anpec Electronics Coropration APL1087R Datasheet HTML 8Page - Anpec Electronics Coropration APL1087R Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Copyright  ANPEC Electronics Corp.
Rev. A.2 - Apr., 2003
APL1087R
www.anpec.com.tw
5
Typical Characteristics
Load Transient Response
Time (
µs)
Line Transient Response
Time (
µs)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-20
-10
0
10
20
30
40
50
0
1
2
3
4
5
6
7
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-30
-25
-20
-15
-10
-5
0
5
10
Adjust Pin Current vs. Temperature
-50
0
5 0
100
150
55
56
57
58
59
60
61
62
Current Limit vs. Temperature
-50
0
5 0
100
150
760
780
800
820
840
860
880
900
920
940
V IN=5V
Temperature (
°C)
Temperature(
°C)
V
OUT=1.25V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn