Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AWT6276R Fiches technique(PDF) 2 Page - ANADIGICS, Inc

No de pièce AWT6276R
Description  HELP PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6276R Fiches technique(HTML) 2 Page - ANADIGICS, Inc

  AWT6276R Datasheet HTML 1Page - ANADIGICS, Inc AWT6276R Datasheet HTML 2Page - ANADIGICS, Inc AWT6276R Datasheet HTML 3Page - ANADIGICS, Inc AWT6276R Datasheet HTML 4Page - ANADIGICS, Inc AWT6276R Datasheet HTML 5Page - ANADIGICS, Inc AWT6276R Datasheet HTML 6Page - ANADIGICS, Inc AWT6276R Datasheet HTML 7Page - ANADIGICS, Inc AWT6276R Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
PRELIMINARY DATA SHEET - Rev 1.4
12/2005
AWT6276R
VCC
RFOUT
VREF
RFIN
VMODE
GND
1
GND
10
2
3
4
5
6
9
8
7
VCC
GND
GND
GND
GND
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
N
I
P
E
M
A
N
N
O
I
T
P
I
R
C
S
E
D
1V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
2F
R NI
t
u
p
n
I
F
R
3D
N
Gd
n
u
o
r
G
4V
E
D
O
M
e
g
a
tl
o
V
l
o
r
t
n
o
C
e
d
o
M
5V F
E
R
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
6D
N
Gd
n
u
o
r
G
7D
N
Gd
n
u
o
r
G
8F
R
T
U
O
t
u
p
t
u
O
F
R
9D
N
Gd
n
u
o
r
G
0
1V C
C
e
g
a
tl
o
V
y
l
p
p
u
S


Numéro de pièce similaire - AWT6276R

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6276RM20P8 ANADIGICS-AWT6276RM20P8 Datasheet
432Kb / 8P
   HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6276RM20P9 ANADIGICS-AWT6276RM20P9 Datasheet
432Kb / 8P
   HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
More results

Description similaire - AWT6276R

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6276 ANADIGICS-AWT6276 Datasheet
432Kb / 8P
   HELPTM PCS/WCDMA 3.4 V/29.5 dBm Linear Power Amplifier Module
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
   HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
AWT6272R ANADIGICS-AWT6272R Datasheet
215Kb / 8P
   HELP Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R Datasheet
282Kb / 8P
   HELP IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6274 ANADIGICS-AWT6274 Datasheet
278Kb / 8P
   HELP PCS/WCDMA 3.4V/29dBm Linear Power Amplifier Module
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
   HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6277R ANADIGICS-AWT6277R_08 Datasheet
429Kb / 8P
   HELPTM IMT/WCDMA 3.4 V/28.5 dBm Linear Power Amplifier Module
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
   HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWT6307R ANADIGICS-AWT6307R Datasheet
180Kb / 8P
   HELP Cellular CDMA 3.4 V/28 dBm Linear Power Amplifier Mod
AWT6251 ANADIGICS-AWT6251 Datasheet
295Kb / 12P
   PCS/WCDMA 3.4V/27.5 dBm Linear Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com