Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AWT6168 Fiches technique(PDF) 1 Page - ANADIGICS, Inc

No de pièce AWT6168
Description  GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6168 Fiches technique(HTML) 1 Page - ANADIGICS, Inc

  AWT6168 Datasheet HTML 1Page - ANADIGICS, Inc AWT6168 Datasheet HTML 2Page - ANADIGICS, Inc AWT6168 Datasheet HTML 3Page - ANADIGICS, Inc AWT6168 Datasheet HTML 4Page - ANADIGICS, Inc AWT6168 Datasheet HTML 5Page - ANADIGICS, Inc AWT6168 Datasheet HTML 6Page - ANADIGICS, Inc AWT6168 Datasheet HTML 7Page - ANADIGICS, Inc AWT6168 Datasheet HTML 8Page - ANADIGICS, Inc AWT6168 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
01/2005
Figure 1: Block Diagram
FEATURES
Internal Reference Voltage
Integrated Power Control Scheme
InGaP HBT Technology
ESD Protection on All Pins (2.5 kV)
Low profile 1.3 mm
Small Package Outline 7 mm x 7 mm
EGPRS Capable (class 12)
GMSK MODE
Integrated power control (CMOS)
+35 dBm GSM850/900 Output Power
+33 dBm DCS/PCS Output Power
55 % GSM850/900 PAE
50 % DCS/PCS PAE
Power control range > 50 dB
EDGEMODE
+30.5 dBm GSM850/900 Output Power
+29.5 dBm DCS/PCS Output Power
25 % GSM850/900 PAE
25 % DCS/PCS PAE
APPLICATIONS
GSM850/GSM900/DCS/PCS Handsets
Dual/Tri/Quad Band PDA
GMSK and 8-PSK Polar Modulation
Schemes
PRODUCT DESCRIPTION
This power amplifier module supports dual, tri and
quad band applications for GMSK and 8-PSK modu-
lation schemes using a polar architecture. There are
two amplifier chains, one to support GSM850/900
bands, the other for DCS/PCS bands.
The module includes an internal reference voltage
and integrated power control scheme for use in both
GMSK and 8-PSK operation. This facilitates fast and
easy production calibration and reduces the num-
ber of external components required to complete a
power control function. The amplifier’s power con-
trol range is typically 55 dB, with the output power set
by applying an analog voltage to VRAMP.
All of the RF ports for this device are internally
matched to 50
Ω . Internal DC blocks are provided at
the RF inputs.
AWT6168
GSM/GPRS/Polar EDGE Power Amplifier
Module with Integrated Power Control
ADVANCED PRODUCT INFORMATION - REV 0.1
GSM850/900_IN
TX_EN
DCS/PCS_IN
GSM850/900_OUT
GSM850/900
Bias/Power
Control
DCS/PCS_OUT
DCS/PCS
BS
VRAMP
VBATT
CEXT


Numéro de pièce similaire - AWT6168

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6166 ANADIGICS-AWT6166 Datasheet
246Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166R ANADIGICS-AWT6166R Datasheet
421Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6166RM15P8 ANADIGICS-AWT6166RM15P8 Datasheet
421Kb / 12P
   GSM850/GSM900/DCS/PCS Quad Band Power Amplifier Module With Integrated Power Control
AWT6167 ANADIGICS-AWT6167 Datasheet
210Kb / 12P
   GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
AWT6167R ANADIGICS-AWT6167R Datasheet
281Kb / 12P
   GSM900/DCS Dual Band Power Amplifier Module With Integrated Power Control
More results

Description similaire - AWT6168

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AWT6223R ANADIGICS-AWT6223R Datasheet
563Kb / 16P
   WCDMA/GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6280 ANADIGICS-AWT6280 Datasheet
585Kb / 16P
   Quad-band GSM/GPRS/Polar EDGE Power Amplifier Module with Integrated Power Control
AWT6172 ANADIGICS-AWT6172 Datasheet
802Kb / 20P
   GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
AWT6155 ANADIGICS-AWT6155 Datasheet
536Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module with Integrated Power Control
logo
Freescale Semiconductor...
MMM6035 FREESCALE-MMM6035 Datasheet
699Kb / 22P
   Quad-Band GSM/GPRS PA Module with Integrated Power Control
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
   Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
   Quad Band GSM/GPRS Power Amplifier Module
logo
TriQuint Semiconductor
TQM7M5002 TRIQUINT-TQM7M5002 Datasheet
297Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5003 TRIQUINT-TQM7M5003 Datasheet
444Kb / 15P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
TQM7M5008 TRIQUINT-TQM7M5008 Datasheet
199Kb / 1P
   Quad-Band GSM/EDGE Polar Power Amplifier Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com