Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMT8650-H1-EVA Fiches technique(PDF) 2 Page - ANADIGICS, Inc

No de pièce AMT8650-H1-EVA
Description  10 Gb/s 1310/1550nm PIN-TIA
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8650-H1-EVA Fiches technique(HTML) 2 Page - ANADIGICS, Inc

  AMT8650-H1-EVA Datasheet HTML 1Page - ANADIGICS, Inc AMT8650-H1-EVA Datasheet HTML 2Page - ANADIGICS, Inc AMT8650-H1-EVA Datasheet HTML 3Page - ANADIGICS, Inc AMT8650-H1-EVA Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AMT8650
ADVANCED PRODUCT INFORMATION – Rev 0.0
2
01/2006
ELECTRICAL CHARACTERISTICS
Table 1: Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
Supply Voltage
-0.5
5.5
V
Photodiode bias Voltage
2.5
10
V
Optical Input Power
-
+ 4
dBm
Storage Temperature
- 40
+ 85
oC
Stresses in excess of the absolute ratings may cause permanent damage. Functional
operation is not implied under these conditions. Exposure to absolute ratings for extended
periods of time may adversely affect reliability.
Table 2: Electrical Specifications
PARAMETER
MIN
TYP
MAX
UNIT
Wavelength
1250
-
1620
nm
Sensitivity
(1)
-
-19
-
dB
Overload
-
3
-
dBm
Responsivity 1550nm
0.80
0.90
-
A/W
Responsivity 1310nm
0.75
0.85
-
A/W
Dark current
-
0.2
5
nA
Small signal transimpedance gain (differential)
-
10
-
K
Small signal 3dB bandwidth
-
8.5
-
GHz
Low frequency cutoff
-
30
-
KHz
Output return loss (differential)
(2)
-
9
-
dB
Output voltage swing (differential)
-
600
-
mVP-P
Optical return loss
50
55
-
dB
Photodiode bias voltage
4
5
9
V
TIA supply voltage
4.7
5
5.3
V
TIA supply current
-
48
-
mA
Power consumption
-
240
-
mW
Operating temperature
-40
25
85
oC
(1)
10Gb/s PRBS 2
31-, 1550nm, ER >12dB
(2)
½(S11 - S21 + S22 - S12), 100MHz – 9GHz
Figure 2: Pin location
1
2
3
4
5
Table 3: Pin description
PIN
NAME
DESCRIPTION
1
VOUTP
Non-inverted output voltage. Logical ‘1’ with
an optical input. Output is not AC coupled.
2
VPD
Photodiode bias: 5V
3
VTIA
Amplifier supply voltage: 5V
4
VOUTN
Inverted output voltage: Logical ‘0’ with an
optical input. Output is not AC coupled
5
Ground
Ground


Numéro de pièce similaire - AMT8650-H1-EVA

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-H1 ANADIGICS-AMT8630-H1 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-H1-EVA ANADIGICS-AMT8630-H1-EVA Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-T46L ANADIGICS-AMT8630-T46L Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8630-T46L-EVA ANADIGICS-AMT8630-T46L-EVA Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
More results

Description similaire - AMT8650-H1-EVA

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AMT8630 ANADIGICS-AMT8630 Datasheet
166Kb / 4P
   10 Gb/s 1310/1550nm PIN-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8412 ANADIGICS-AMT8412 Datasheet
220Kb / 4P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT8410 ANADIGICS-AMT8410 Datasheet
180Kb / 8P
   2.5 Gb/s 1310/1550nm PIN-TIA
AMT121302 ANADIGICS-AMT121302 Datasheet
594Kb / 12P
   1.25Gb/s 1310/1550nm PIN-TIA
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
AMT8310 ANADIGICS-AMT8310 Datasheet
270Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
AMT8312 ANADIGICS-AMT8312 Datasheet
242Kb / 8P
   2.5 Gb/s 850 nm PIN-TIA
logo
Zarlink Semiconductor I...
PX6524 ZARLINK-PX6524 Datasheet
617Kb / 3P
   4 x 10 Gb/s TIA/LA Receiver
PX6429 ZARLINK-PX6429 Datasheet
229Kb / 3P
   12 x 10 Gb/s TIA/LA Optical Receiver
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com