Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AMT8504T46F Fiches technique(PDF) 2 Page - ANADIGICS, Inc

No de pièce AMT8504T46F
Description  1.25 Gb/s Integrated 850nm MSM-TIA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AMT8504T46F Fiches technique(HTML) 2 Page - ANADIGICS, Inc

  AMT8504T46F Datasheet HTML 1Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 2Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 3Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 4Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 5Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 6Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 7Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 8Page - ANADIGICS, Inc AMT8504T46F Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
AMT8504
PRELIMINARY DATA SHEET - Rev 1
07-01
Table 1: Package Pin Description
Figure 2: Pin Outline (Bottom View)
N
I
P
N
O
I
T
P
I
R
C
S
E
D
T
N
E
M
M
O
C
1V
T
U
O
)
d
e
tr
e
v
n
i-
n
o
N
(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
1
'
l
a
c
i
g
o
L
2V
D
D
e
g
a
tl
o
V
y
l
p
p
u
S
e
v
it
i
s
o
P
-s
tl
o
V
3
.
3
+
3V
T
U
O
)
d
e
tr
e
v
n
I(
e
g
a
tl
o
V
t
u
p
t
u
O
A
I
T
-t
u
p
n
i
l
a
c
it
p
o
h
ti
w
'
0
'
l
a
c
i
g
o
L
4d
n
u
o
r
Gd
e
d
n
u
o
r
g
s
i
e
s
a
C


Numéro de pièce similaire - AMT8504T46F

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8100T46L ANADIGICS-AMT8100T46L Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L4 ANADIGICS-AMT8210T46L4 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
AMT8210T46L5 ANADIGICS-AMT8210T46L5 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
More results

Description similaire - AMT8504T46F

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AMT8304 ANADIGICS-AMT8304 Datasheet
472Kb / 12P
   2.125 Gb/s Integrated 850nm MSM-TIA
AMT128503 ANADIGICS-AMT128503 Datasheet
634Kb / 12P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8301 ANADIGICS-AMT8301 Datasheet
564Kb / 12P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT8100 ANADIGICS-AMT8100 Datasheet
457Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8302 ANADIGICS-AMT8302 Datasheet
260Kb / 8P
   2.125Gb/s Integrated 850nm MSM-TIA
AMT128502A ANADIGICS-AMT128502A Datasheet
369Kb / 8P
   1.25Gb/s Integrated 850nm MSM-TIA
AMT8210 ANADIGICS-AMT8210 Datasheet
218Kb / 4P
   1.25 Gb/s 1310/1550nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
   1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
logo
ANADIGICS, Inc
ATA7609 ANADIGICS-ATA7609 Datasheet
178Kb / 12P
   10 Gb/s High Overload TIA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com