Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AGB3311 Fiches technique(PDF) 5 Page - ANADIGICS, Inc

No de pièce AGB3311
Description  50??High Linearity Low Noise Internally Biased Wideband Gain Block
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AGB3311 Fiches technique(HTML) 5 Page - ANADIGICS, Inc

  AGB3311 Datasheet HTML 1Page - ANADIGICS, Inc AGB3311 Datasheet HTML 2Page - ANADIGICS, Inc AGB3311 Datasheet HTML 3Page - ANADIGICS, Inc AGB3311 Datasheet HTML 4Page - ANADIGICS, Inc AGB3311 Datasheet HTML 5Page - ANADIGICS, Inc AGB3311 Datasheet HTML 6Page - ANADIGICS, Inc AGB3311 Datasheet HTML 7Page - ANADIGICS, Inc AGB3311 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRELIMINARY DATA SHEET - Rev 1.0
07/2003
AGB3311
5
PERFORMANCE DATA
Figure 4: Gain vs. Frequency
De-embedded 50
S-parameter
(TA = +25 °C, VSUPPLY = +5 V, ICC = 37 mA)
W
0
5
10
15
20
25
0123
4567
Frequency (GHz)
Figure 5: Isolation vs. Frequency
De-embedded 50
S-parameter
(TA = +25 °C, VSUPPLY = +5 V, ICC = 37 mA)
W
-50
-40
-30
-20
-10
0
0
1234
56
7
Frequency (GHz)
Figure 6: Input Return Loss vs. Frequency
De-embedded 50
S-parameter
(TA = +25 °C, VSUPPLY = +5 V, ICC = 37 mA)
W
-50
-40
-30
-20
-10
0
0
1234
56
7
Frequency (GHz)
Figure 7: Output Return Loss vs. Frequency
De-embedded 50
S-parameter
(TA = +25 °C, VSUPPLY = +5 V, ICC = 37 mA)
W
-50
-40
-30
-20
-10
0
0
1234
56
7
Frequency (GHz)


Numéro de pièce similaire - AGB3311

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3310S24Q1 ANADIGICS-AGB3310S24Q1 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3312 ANADIGICS-AGB3312 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3312S24Q1 ANADIGICS-AGB3312S24Q1 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
More results

Description similaire - AGB3311

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
AGB3309 ANADIGICS-AGB3309 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3310 ANADIGICS-AGB3310 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3312 ANADIGICS-AGB3312 Datasheet
288Kb / 8P
   50??High Linearity Low Noise Internally Biased Wideband Gain Block
AGB3303 ANADIGICS-AGB3303 Datasheet
192Kb / 8P
   50 OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3307 ANADIGICS-AGB3307 Datasheet
271Kb / 8P
   50-ohm High Linearity Low Noise Wideband Gain Block
AGB3301 ANADIGICS-AGB3301 Datasheet
331Kb / 16P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3302 ANADIGICS-AGB3302 Datasheet
199Kb / 8P
   50 ohm HGIH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3306 ANADIGICS-AGB3306 Datasheet
265Kb / 8P
   50W High Linearity Low Noise Wideband Gain Block
AGB3300 ANADIGICS-AGB3300 Datasheet
281Kb / 16P
   50OHM HIGH LINEARITY LOW NOISE WIDEBAND GAIN BLOCK
AGB3301 ANADIGICS-AGB3301_12 Datasheet
1Mb / 16P
   50ohm High Linearity Low Noise Wideband Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com