Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACA2401 Fiches technique(PDF) 3 Page - ANADIGICS, Inc

No de pièce ACA2401
Description  750/870 MHz CATV Power Doubler Line Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANADIGICS [ANADIGICS, Inc]
Site Internet  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2401 Fiches technique(HTML) 3 Page - ANADIGICS, Inc

  ACA2401 Datasheet HTML 1Page - ANADIGICS, Inc ACA2401 Datasheet HTML 2Page - ANADIGICS, Inc ACA2401 Datasheet HTML 3Page - ANADIGICS, Inc ACA2401 Datasheet HTML 4Page - ANADIGICS, Inc ACA2401 Datasheet HTML 5Page - ANADIGICS, Inc ACA2401 Datasheet HTML 6Page - ANADIGICS, Inc ACA2401 Datasheet HTML 7Page - ANADIGICS, Inc ACA2401 Datasheet HTML 8Page - ANADIGICS, Inc ACA2401 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet - Rev 2.0
08/2001
3
ACA2401
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
T
I
N
U
)
3
1
,
2
1
s
n
i
p
(
y
l
p
p
u
S0
8
2
+C
D
V
)
5
,
4
s
n
i
p
(
s
t
u
p
n
I
t
a
r
e
w
o
P
F
R-
5
7
+V
m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
ir
e
d
l
o
S-
0
6
2
+C
°
e
m
i
T
g
n
ir
e
d
l
o
S-
0
.
5c
e
S
Table 2: Absolute Mimimum and Maximum Ratings
ELECTRICAL CHARACTERISTICS
Stresses in excess of the absolute ratings may cause permanent
damage. Functional operation is not implied under these conditions.
Exposure to absolute ratings for extended periods of time may
adversely affect reliability.
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
T
I
N
U
V
:
y
l
p
p
u
S
DD
)
3
1
,
2
1
s
n
i
p
(-
4
2
+-
C
D
V
y
c
n
e
u
q
e
r
F
F
R0
4-
0
7
8z
H
M
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C0
4
--
0
1
1
+C
°
Table 3: Operating Ranges
Notes:
1. Pins 2, 4, 5 and 7 should be AC-coupled. No external DC bias should
be applied.
2. Pin 6 should be AC-grounded and/or pulled to ground through a resistor
for current control. No external DC bias should be applied.
3. Pins 11 and 14 are bias feeds for input amplifiers 1A and 1B. No
external DC bias should be applied.
4. Pins 10 and 15 receive DC bias directly from pins 11 and 14. No other
external bias should be applied.
The device may be operated safely over these conditions; however, parametric
performance is guaranteed only over the conditions defined in the electrical
specifications.


Numéro de pièce similaire - ACA2401

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
More results

Description similaire - ACA2401

FabricantNo de pièceFiches techniqueDescription
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E Datasheet
194Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407E SKYWORKS-ACA2407E Datasheet
561Kb / 12P
   750/870 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA2407E ANADIGICS-ACA2407E_12 Datasheet
346Kb / 11P
   750/870 MHz CATV Power Doubler Line Amplifier
ACA2407 ANADIGICS-ACA2407_11 Datasheet
807Kb / 13P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
Skyworks Solutions Inc.
ACA2407 SKYWORKS-ACA2407 Datasheet
578Kb / 14P
   750/870/1000 MHz CATV Power Doubler Line Amplifier
logo
ANADIGICS, Inc
ACA1205 ANADIGICS-ACA1205 Datasheet
231Kb / 12P
   750/870 MHZ CATV LINE AMPLIFIER
ACA2401S7 ANADIGICS-ACA2401S7 Datasheet
147Kb / 4P
   750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
ACA2402 ANADIGICS-ACA2402 Datasheet
215Kb / 16P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E_12 Datasheet
357Kb / 10P
   750/870 MHz CATV Push-Pull Line Amplifier
ACA2402E ANADIGICS-ACA2402E Datasheet
194Kb / 12P
   750/870 MHz CATV Push-Pull Line Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com