Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

LS-5002 Datasheet(Fiches technique) 4 Page - PerkinElmer Optoelectronics

Numéro de pièce LS-5002
Description  Thyratrons
Télécharger  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  PERKINELMER [PerkinElmer Optoelectronics]
Site Internet  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

LS-5002 Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  LS-5002 Datenblatt HTML 1Page - PerkinElmer Optoelectronics LS-5002 Datenblatt HTML 2Page - PerkinElmer Optoelectronics LS-5002 Datenblatt HTML 3Page - PerkinElmer Optoelectronics LS-5002 Datasheet HTML 4Page - PerkinElmer Optoelectronics LS-5002 Datenblatt HTML 5Page - PerkinElmer Optoelectronics LS-5002 Datenblatt HTML 6Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Thyratrons
Type
HY-2
HY-6
HY-60
HY-61
HY-10
HY-11
HY-1A
HY-1102
HY-3192
HY-32
HY-3204
1802
HY-3002
HY-3003
HY-3004
HY-3005
HY-3025
HY-3189
HY-5
HY-53
LS-3101S
LS-4101
LS-4111
HY-3246
LS-3229
HY-3202
LS-5001
LS-5002
LS-5101
LS-5111
Peak
Anode
Voltage
epy (kV)
8
16
16
16
20
18
18
18
32
32
32
25
25
35
25
35
28
32
40
40
35
40
40
45
70
32
40
50
40
40
Peak
Anode
Current
ib (a)
100
350
350
350
500
1600
500
1000
1000
1500
1500
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
12000
12000
15000
15000
20000
20000
20000
20000
20000
Average
Anode
Current
lb (Adc)
0.1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
2.2
2.2
1
2.2
2.2
2.2
2.2
2.2
2.2
2.2
8
4
2
3
3
2
2
0.5
4
4
4
4
RMS
Anode
Current
lp (Aac)
2
6.5
6.5
6.5
8
8
8
16
47.5
47.5
25
47.5
47.5
47.5
47.5
47.5
47.5
47.5
125
90
45
55
55
45
45
47.5
90
70
90
90
Plate
Dissipa-
tion
Factor
Pb
(x 109)
2.7
5
5
5
10
10
10
10
50
50
40
50
50
50
50
50
50
50
160
100
50
50
100
50
50
50
100
100
100
200
Cathode
Heater
V/A
6.3/3.5
6.3/7
6.3/7
6.3/8.5
6.3/7.5
6.3/7.5
6.3/11
6.3/7.5
6.3/12.5
6.3/18
6.3/18
6.3/12.5
6.3/12.5
6.3/12.5
6.3/12.5
6.3/12.5
6.3/12.5
6.3/12.5
6.3/30
6.3/30
6.3/18
6.3/28
6.3/28
6.3/16
6.3/16
6.3/18
6.3/29
6.3/35
6.3/29
6.3/29
Reser-
voir
Heater
V/A
Note 1
6.3/2.5
6.3/7
Note 1
6.3/4
6.3/4
Note 1
6.3/8
6.3/5.5
6.3/5.5
6.3/6
6.3/5.5
6.3/5.5
6.3/5.5
6.3/5.5
6.3/5.5
6.3/5.5
6.3/5.5
4.5/11
4.5/11
6.3/6
6.3/6
6.3/6
6.3/6
6.3/6
6.3/13
4.5/10
4.5/15
4.5/10
4.5/10
Peak
Forward
Grid
Voltage
egy
(Min)
175
150
150
150
200
200
175
20
1500
450
450
500
500
500
500
500
500
500
1300
1300
500
500
500
500
450
500
2500
2500
2500
2500
Impe-
dence
of Grid
Circuits
g (Max)
1200
1500
1500
1500
500
500
500
500
250
400
400
400
400
400
400
400
250
250
100
100
250
250
250
250
400
250
50
100
50
50
EIA Type & Comments
JAN 7621
JAN 7782
JAN 7665A
JAN 7620
JAN8613
ib to 10kA @ <1usec
JAN 7322
8614
Two gap tetrode
Two gap tetrode
Notes
1
1
1
2
3
4
4
4
3
3
6
3,6
3.5,6
3,6
2,6
3
3
3,6
3,5,6
Seated
Height x
Tube Width
(Inches)
2.35 x 1.0
2 x 1.4
2.4 x 1.4
3.6 x 1.4
3.4 x 2
2.2 x 2.25
5 x 2
2 x 2
3.75 x 3.25
4 x 3.25
3 x 6
4 x 3.25
4 x 3.25
4 x 3.25
4.75 x 3.25
4.75 x 3.25
4.25 x 3.25
3.75 x 3
5 x 4.5
5 x 4.5
5.25 x 3
8 x 3.5
8.25 x 3.5
5.75 x 3
6.4 x 3
6.4 x 3
6.75 x 4.5
9.5 x 4.5
6.75 x 4.5
7.2 x 4.5
1.
Cathode and reservoir heater internally connected
2.
Grounded grid design
3.
Auxiliary grid design
4.
MT-4 mount required
5.
Liquid cooling design
6.
Hollow anode design for reverse current
PerkinElmer thyratron control grid driver TM-27 recommended for use with all thyratrons up to 3 inch diameter. TM-29 recommended for thyratrons greater than 3 inch diameter.
The selections above are a representative sample of hundreds of design variations available. Contact PerkinElmer for support for any specific application.
Notes


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn