Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PT1000 Fiches technique(PDF) 2 Page - Baumer IVO GmbH & Co. KG

No de pièce PT1000
Description  Cable Sensor, Pt100/Pt1000
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IVO [Baumer IVO GmbH & Co. KG]
Site Internet  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

PT1000 Fiches technique(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  PT1000 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG PT1000 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG PT1000 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG PT1000 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
Design and specifications subject to change without notice
Data Sheet 2902-1
www.baumerprocess.com
Technical Data
Standard sensor
Measuring range
-50...205°C
Ambient temperature
-50...205°C
Marking label
-30...105°C
Pressure range
< 25 bar (water flow 3m/sec.)
Humidity
< 98% RH, condensing
Protection class
IP 65
Cable type
High-flexible silicone, grey
Wires
4 (2 x Red, 2 x white)
Length
up to 99.99 metres
Air sensor
Measuring range
-50...205°C
Ambient temperature
-50...205°C
Marking label
-30...105°C
Environment
Non-aggressive air
Air gap
8 holes, ø3 mm
Humidity
< 98% RH, condensing
Protection class
IP 65
Cable type
High-flexible silicone, grey
Wires
4 (2 x Red, 2 x white)
Length
up to 99.99 metres
Common data for both types
Case material
Acid-proof, stainless steel
AISI 316 Ti (W 1.4571)
Case dimensions
ø5.8 mm x 60 mm
Time constant
τ
0,5
See table
Accuracy
DIN/EN/IEC 60751
1/1 DIN B
+(0.3 + 0.005 x t) °C
1/3 DIN B
+1/3 x (0.3 + 0.005 x t) °C
1/6 DIN B
+1/6 x (0.3 + 0.005 x t) °C
Vibrations
Lloyds Register, test 2
Mechanical tolerances
ISO 2768-m
Disposal of product and packing
According to national laws or by returning to Baumer
Sensor type
6´ digit
Standard sensor
Air sensor
Sensor element (DIN/EN/IEC 60751)
7´ digit
Pt100, 1/1 DIN B, single, specified accuracy -50...400°C
Pt100, 1/3 DIN B, single, specified accuracy 0...150°C
Pt100, 1/6 DIN B, single, specified accuracy 0...100°C
Pt100, 1/1 DIN A, single, specified accuracy -50...400°C
Pt1000, 1/3 DIN B, single, specified accuracy -50...400°C
Pt1000, 1/1 DIN B, single, specified accuracy -50...400°C
Cable length (L)
8...11´ digit
Length in cm
If a pocket or sensor tube is used, the response time is extended, i.e. the time duration for the sensor to reach the correct temperature when
the temperature of the medium changes suddenly.
Environment
Sensor type
Standard Sensor
Air Sensor
Fluid, 0.4 m/sec.
8 sec.
Fluid, 0.4 m/sec. (Stainless steel pocket/tube with silicone paste)
17 sec.
Air, 3 m/sec.
35 sec.
25 sec.
Air, still
135 sec.
105 sec.
Time Constant
τ
0.5
Ordering Details - Cable sensors
8141 3xx
xxxx
3
5
1
3
5
7
A
B
xxxx


Numéro de pièce similaire - PT1000

FabricantNo de pièceFiches techniqueDescription
logo
API Delevan
PT1000-1400 API-PT1000-1400 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT1000-1400 API-PT1000-1400 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
PT1000-1400-VM API-PT1000-1400-VM Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT1000-1750 API-PT1000-1750 Datasheet
145Kb / 4P
   Power Toroids-Horizontal or Vertical Mount
PT1000-1750 API-PT1000-1750 Datasheet
1Mb / 4P
   Power Toroids - Horizontal or Vertical Mount
More results

Description similaire - PT1000

FabricantNo de pièceFiches techniqueDescription
logo
TT Electronics.
DS2532 TTELEC-DS2532 Datasheet
284Kb / 1P
   PT100 Sensor
logo
Schneider Electric
TM5SAI4PH SCHNEIDER-TM5SAI4PH Datasheet
266Kb / 7P
   Analog input module, Modicon TM5, 4I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
TM5SAI2PH SCHNEIDER-TM5SAI2PH Datasheet
248Kb / 7P
   Analog input module, Modicon TM5, 2I, temperature probe PT100/ PT1000, 16bits
Apr 6, 2022
logo
Adam Technologies, Inc.
CA-TS-003 ADAM-TECH-CA-TS-003 Datasheet
119Kb / 1P
   SENSOR CABLE ASSY, M8, 4 POS, TO RTD PT100, TEMPERATURE SENSOR
Rev. B
CA-TS-001 ADAM-TECH-CA-TS-001 Datasheet
110Kb / 1P
   SENSOR CABLE ASSY, 3.96mm 3 POS CONN, TO RTD PT1000, TEMPERATURE SENSOR
Rev. A
CA-TS-002 ADAM-TECH-CA-TS-002 Datasheet
124Kb / 1P
   SENSOR CABLE ASSY, 2.5mm 2 POS CONN, TO RTD PT100, TEMPERATURE SENSOR
Rev. A
logo
SparkFun Electronics
SPX-16770 SPARKFUN-SPX-16770 Datasheet
249Kb / 3P
   Qwiic PT100 - ADS122C04
7????0
logo
List of Unclassifed Man...
DM-315 ETC2-DM-315 Datasheet
131Kb / 2P
   PT100 PLATINUM SENSING RESISTORS
logo
PHOENIX CONTACT
105366 PHOENIX-105366 Datasheet
660Kb / 15P
   RAD-PT100-4-IFS
logo
ZIEHL industrie-elektro...
TR1200IP ZIEHL-TR1200IP Datasheet
430Kb / 2P
   Pt100-Temperature-Relay TR1200IP
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com