Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

EN5310 Fiches technique(PDF) 3 Page - Enpirion, Inc.

No de pièce EN5310
Description  1A Voltage Mode Synchronous Buck PWM DC-DC Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ENPIRION [Enpirion, Inc.]
Site Internet  http://www.enpirion.com
Logo ENPIRION - Enpirion, Inc.

EN5310 Fiches technique(HTML) 3 Page - Enpirion, Inc.

  EN5310 Datasheet HTML 1Page - Enpirion, Inc. EN5310 Datasheet HTML 2Page - Enpirion, Inc. EN5310 Datasheet HTML 3Page - Enpirion, Inc. EN5310 Datasheet HTML 4Page - Enpirion, Inc. EN5310 Datasheet HTML 5Page - Enpirion, Inc. EN5310 Datasheet HTML 6Page - Enpirion, Inc. EN5310 Datasheet HTML 7Page - Enpirion, Inc. EN5310 Datasheet HTML 8Page - Enpirion, Inc. EN5310 Datasheet HTML 9Page - Enpirion, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Rev 0.95 – March 2005
www.enpirion.com
EN5310
3
Typical Efficiency
VIN = 3.3V and VOUT = 2.5V
40%
50%
60%
70%
80%
90%
100%
0
200
400
600
800
1000
1200
Output Current (mA)
Absolute Maximum Ratings
CAUTION: Stresses in excess of the absolute maximum ratings can cause permanent damage to the device.
Exposure to absolute maximum ratings for extended periods can adversely affect device reliability.
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Supply Voltage
VIN
-0.5
6.5
V
Input Voltage – Enable
-0.5
VIN
V
Input Voltage – VS0, VS1 & VS2 (Note 1)
-0.5
2.8
V
Storage Temperature Range
TSTG
-65
150
°C
Operating Junction Temperature
TJ
150
°C
MSL per JEDEC J-STD-020A Level 3 (Note 2)
240
°C
ESD Rating (based on Human Body Model)
2000
V
NOTES:
1. VS0, VS1 and VS2 pins have an internal pull-up resistor, only ground potentials should be placed on them as required.
2. Evaluation for MSL3 at 255°C in process.
Thermal Characteristics
PARAMETER
SYMBOL
TYPICAL
UNITS
Thermal Resistance: Junction to Ambient (0 LFM)
(Note 3)
θJA
36
°C/W
Thermal Resistance: Junction to Case (0 LFM)
θJC
6
°C/W
NOTES:
3. Based on a four-layer board and proper thermal design.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn