Moteur de recherche de fiches techniques de composants électroniques |
|
DM7430 Fiches technique(PDF) 1 Page - National Semiconductor (TI) |
|
|
DM7430 Fiches technique(HTML) 1 Page - National Semiconductor (TI) |
1 / 4 page TLF6510 June 1989 5430DM5430DM7430 8-Input NAND Gate General Description This device contains a single gate which performs the logic NAND function Y Alternate MilitaryAerospace device (5430) is available Contact a National Semiconductor Sales OfficeDistrib- utor for specifications Connection Diagram Dual-In-Line Package TLF6510 – 1 Order Number 5430DMBQ 5430FMQB DM5430J DM5430W or DM7430N See NS Package Number J14A N14A or W14B Function Table Y e ABCDEFGH Inputs Output A thru H Y All Inputs H L One or More H Input L H e High Logic Level L e Low Logic Level C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Numéro de pièce similaire - DM7430 |
|
Description similaire - DM7430 |