Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

YW396-02B Fiches technique(PDF) 1 Page - YEONHO ELECTRONICS

No de pièce YW396-02B
Description  3.96mm PITCH CONNECTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YEONHO [YEONHO ELECTRONICS]
Site Internet  http://www.yeonho.com
Logo YEONHO - YEONHO ELECTRONICS

YW396-02B Fiches technique(HTML) 1 Page - YEONHO ELECTRONICS

  YW396-02B Datasheet HTML 1Page - YEONHO ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.96mm (0.156")PITCHCONNECTOR
I/NO
TITLE
DESCRIPTION
MATERIAL
1
YW396-NNB
WAFER
PA66, UL 94V Grade
2
PIN
Brass & Tin Plated
PARTS NO.
A
B
C
Material
YW396-NNB
DIP
Straight
Wire-to-Board
Wafer
ITEM
SPEC
Contact Resistance
Current Rating
Operating Temperature
Voltage Rating
AC/DC 250V
30mΩ MAX
Withstanding Voltage
AC500V/1min
Insulation Resistance
500MΩ MIN
Applicable P.C.B
1.2mm~1.6mm
Applicable Wire
-
Applicable FPC/FFC
-
-
Solder Height
Crimp Tensile Strength
-
UL FILE NO
-
AC/DC 7.5A
-25℃~+85℃
Specification
Available Pin
34.34
08B
32.94
27.72
YW396-
39.60
43.56
35.64
31.68
10B
11B
12B
09B
YW396-
YW396-
YW396-
YW396-
50.18
42.26
46.22
38.3
48.78
40.86
44.82
36.9
7.92
19.80
11.88
15.84
23.76
3.96
02B
03B
06B
04B
05B
07B
YW396-
YW396-
YW396-
YW396-
YW396-
YW396-
22.46
26.42
30.38
10.58
14.54
18.5
21.06
28.98
25.02
17.1
9.18
13.14
PCB
3.96(PITCH)
9.2
C
B
A
1.07
6.3
±0.1
Ø1.8
3.96±0.1
C
PCB ASS'Y
PCB LAYOUT
Application Housing : YH396-NNB


Numéro de pièce similaire - YW396-02B

FabricantNo de pièceFiches techniqueDescription
logo
YEONHO ELECTRONICS
YW396-02V YEONHO-YW396-02V Datasheet
249Kb / 1P
   3.96mm PITCH CONNECTOR
More results

Description similaire - YW396-02B

FabricantNo de pièceFiches techniqueDescription
logo
YEONHO ELECTRONICS
YW396-NNV YEONHO-YW396-NNV Datasheet
249Kb / 1P
   3.96mm PITCH CONNECTOR
YAW396 YEONHO-YAW396 Datasheet
257Kb / 1P
   3.96mm PITCH CONNECTOR
YT396J YEONHO-YT396J Datasheet
161Kb / 1P
   3.96mm PITCH CONNECTOR
YH396-NNV YEONHO-YH396-NNV Datasheet
233Kb / 1P
   3.96mm PITCH CONNECTOR
SMT396 YEONHO-SMT396 Datasheet
135Kb / 1P
   3.96mm PITCH CONNECTOR
logo
List of Unclassifed Man...
DS1072 ETC-DS1072 Datasheet
316Kb / 1P
   P.C.B CONNECTOR Pitch 3.96mm
logo
Hirose Electric
CR6-06S-3.96E HIROSE-CR6-06S-3.96E Datasheet
125Kb / 4P
   3.96mm Pitch Card Edge Connector
CR7E-12DB-3.96E HIROSE-CR7E-12DB-3.96E Datasheet
177Kb / 6P
   3.96mm and 4mm Pitch Card Edge Connector
DF6 HIROSE-DF6 Datasheet
127Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
DF6-1P-3.96C HIROSE-DF6-1P-3.96C Datasheet
139Kb / 4P
   3.96mm Pitch Connector Directly Mounted on Board
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com