Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

23A005 Fiches technique(PDF) 1 Page - GHz Technology

No de pièce 23A005
Description  0.5 Watts, 20 Volts, Class A Linear to 2300 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GHZTECH [GHz Technology]
Site Internet  http://www.microsemi.com/
Logo GHZTECH - GHz Technology

23A005 Fiches technique(HTML) 1 Page - GHz Technology

  23A005 Datasheet HTML 1Page - GHz Technology 23A005 Datasheet HTML 2Page - GHz Technology 23A005 Datasheet HTML 3Page - GHz Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GHz TECHNOLOGY INC. RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. GHz RECOMMENDS THAT
BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS,
THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
GHz Technology Inc. 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
23A005
0.5 Watts, 20 Volts, Class A
Linear to 2300 MHz
GENERAL DESCRIPTION
The 23A005 is a COMMON EMITTER transistor capable of providing 0.5
Watt of Class A, RF output power to 2300 MHz. This transistor is specifically
designed for general Class A amplifier applications. It utilizes gold
metalization and diffused ballasting to provide high reliability and supreme
ruggedness. The transistor uses a fully hermetic High Temperature Solder
Sealed package.
CASE OUTLINE
55BT, STYLE 2
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation @ 25 C
3.0 Watts
o
Maximum Voltage and Current
BVces
Collector to Emitter Voltage
50 Volts
BVebo
Emitter to Base Voltage
3.5 Volts
Ic
Collector Current
400 mA
Maximum Temperatures
Storage Temperature
- 65 to + 200 C
o
Operating Junction Temperature
+ 200 C
o
ELECTRICAL CHARACTERISTICS @ 25 C
O
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Pin
Pg
Ft
VSWR
Power Out
Power Input
Power Gain
Transition Frequency
Load Mismatch Tolerance
F = 2.3 GHz
Ic = 120 mA
Vcc = 20 Volts
Vce = 20V, Ic =120 mA
.5
8.5
4.0
0.7
9.5
4.3
.07
30:1
Watts
Watts
dB
GHz
BVebo
BVces
BVceo
h
FE
Cob
θjc
Emitter to Base Breakdown
Collector to Emitter Breakdown
Collector to Emitter Breakdown
DC Current Gain
Capacitance
Thermal Resistance
Ie = 1 mA
Ic = 10 mA
Ic = 10 mA
Vce = 5 V, Ic = 100 mA
Vcb = 28V, f = 1 MHz
3.5
50
22
20
2.4
32
3.0
35
Volts
Volts
Volts
pF
C/W
o
Issue August 1996


Numéro de pièce similaire - 23A005

FabricantNo de pièceFiches techniqueDescription
logo
GHz Technology
23A003 GHZTECH-23A003 Datasheet
29Kb / 1P
   0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
logo
Microsemi Corporation
23A003 MICROSEMI-23A003 Datasheet
127Kb / 4P
   0.3 Watts, 15 Volts, Class A
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
   0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
23A008-2 ETC1-23A008-2 Datasheet
42Kb / 2P
   0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
More results

Description similaire - 23A005

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
23A008 ETC1-23A008 Datasheet
42Kb / 2P
   0.5 WATTS, 20 VOLTS, CLASS A LINEAR TO 2300 MHz
logo
GHz Technology
23A017 GHZTECH-23A017 Datasheet
33Kb / 2P
   1.7 Watts, 20 Volts, Class A Linear to 2300 MHz
23A025 GHZTECH-23A025 Datasheet
32Kb / 2P
   2.5 Watts, 20 Volts, Class A Linear to 2300 MHz
logo
New Jersey Semi-Conduct...
23A017 NJSEMI-23A017 Datasheet
81Kb / 1P
   1.7 Watts, 20 Volts, 280 mA Class A Linear to 2300 MHz
logo
GHz Technology
80143 GHZTECH-80143 Datasheet
226Kb / 4P
   1.0 Watts, 15 Volts, Class A Linear to 2300 MHz
23A003 GHZTECH-23A003 Datasheet
29Kb / 1P
   0.3 Watts, 15 Volts, Class A Linear to 2300 MHz
logo
List of Unclassifed Man...
2A8 ETC2-2A8 Datasheet
34Kb / 2P
   0.5 Watts, 20 Volts, Class A Linear to 2000 MH
logo
New Jersey Semi-Conduct...
10AM20 NJSEMI-10AM20 Datasheet
126Kb / 1P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
logo
GHz Technology
10AM20 GHZTECH-10AM20 Datasheet
132Kb / 3P
   20 Watts, 20 Volts, Class A Linear to 1000 MHz
10AM11 GHZTECH-10AM11 Datasheet
154Kb / 3P
   11 Watts, 20 Volts, Class A Linear to 1000 MHz
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com