Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CDRH104R Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDRH104R
Description  POWER INDUCTORS (SMD Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104R Fiches technique(HTML) 1 Page - Sumida Corporation

  CDRH104R Datasheet HTML 1Page - Sumida Corporation CDRH104R Datasheet HTML 2Page - Sumida Corporation CDRH104R Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Power Inductors <SMD Type: CDRH Series>
Type: CDRH104R , CDRH104
Please refer to the sales offices on our website for a representative near you
www.sumida.com
1/3
◆ Product Description
・10.1×9.2mm Max.(L×W), 5.0mm Max. Height. (CDRH104)
・10.5×10.3mm Max.(L×W), 4.0mm Max. Height. (CDRH104R)
・Inductance range:10~470μH(CDRH104); 1.5~330μH(CDRH104R).
・Rated current range:0.36~2.4A(CDRH104); 0.52~6.5A(CDRH104R).
・In addition to the standards versions shown here, custom inductors are also available
to meet your exact requirements.
◆ Feature
・Magnetically shielded construction.
・Ideally used in Notebook PC, LCD TV,DVD, Game machine, STB ,Projector etc as
DC-DC Converter inductors.
・RoHS Compliance
◆ Dimensions (mm)
CDRH104
CDRH104R
3.0±0.1
3.8±0.2
10.0±0.3
Electrode
1
2
Electrode terminal
2.0±0.2
Max.5.0
0.2
8.9±0.3


Html Pages

1  2  3 


Fiches technique Télécharger

Go To PDF Page

Numéro de composants électroniques

No de pièceDescriptionHtml ViewFabricant
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
ASPI-104S LOW PROFILE SHIELDED SMD POWER INDUCTORS 1  Abracon Corporation
8409-XX SMD Power Inductors and Transformers 1  Filtran LTD
SDR0302 SMD Power Inductors 1  2  Bourns Electronic Solutions
8417-XX SMD Power Inductors and Transformers 1  Filtran LTD
ASPI-0428S SMD SHIELDED POWER INDUCTORS 1  Abracon Corporation
ASPI-0706HC SMD POWER INDUCTORS 1  Abracon Corporation
C8-H Power Inductors 1  2  3  4  5  More Mitsumi Electronics, Corp.
AICT-LP POWER INDUCTORS 1  Abracon Corporation
ASPI-5612-XXX SMT POWER INDUCTORS 1  Abracon Corporation

Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn