Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEP149-1R0NC-H Fiches technique(PDF) 1 Page - Sumida Corporation

No de pièce CDEP149-1R0NC-H
Description  POWER INDUCTORS Type>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP149-1R0NC-H Fiches technique(HTML) 1 Page - Sumida Corporation

  CDEP149-1R0NC-H Datasheet HTML 1Page - Sumida Corporation CDEP149-1R0NC-H Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
POWER INDUCTORS
<SMD Type>
BOTTOM VIEW
CDEP149
( 0.45
µH - 3.0µH )
( 0.7
µH - 9.5µH )
* In order to prevent short-circuiting, a solder resist is recommended.
15.2MAX.
14.6
2.0
10.0MAX.
9.0
10.6
2.0
2.0
10.0
9.2
15.6
Solder Resist
Outline
2
1
3
14.9MAX.
8.0MAX.
10.5
2
1
3
15.5
10.2
/ 裏面図
* ショート防止の為、ソルダレジスト推奨
BOTTOM VIEW
CDEP147
NEW
/ 裏面図
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
CONNECTION
外形寸法図
磁気構造図
推奨ランド寸法
端子接続
DIMENSIONS (mm)
CONSTRUCTION
LAND PATTERNS (mm)
CONNECTION
外形寸法図
磁気構造図
推奨ランド寸法
端子接続


Numéro de pièce similaire - CDEP149-1R0NC-H

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP149 SUMIDA-CDEP149 Datasheet
162Kb / 2P
   POWER INDUCTORS
CDEP149NP-0R4NC-H SUMIDA-CDEP149NP-0R4NC-H Datasheet
179Kb / 3P
   SMD Power Inductor
CDEP149NP-0R7NC SUMIDA-CDEP149NP-0R7NC Datasheet
179Kb / 3P
   SMD Power Inductor
CDEP149NP-1R0MC-H SUMIDA-CDEP149NP-1R0MC-H Datasheet
179Kb / 3P
   SMD Power Inductor
CDEP149NP-1R7MC SUMIDA-CDEP149NP-1R7MC Datasheet
179Kb / 3P
   SMD Power Inductor
More results

Description similaire - CDEP149-1R0NC-H

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP105 SUMIDA-CDEP105 Datasheet
253Kb / 1P
   POWER INDUCTORS (SMD Type)
CDEP134 SUMIDA-CDEP134 Datasheet
249Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH4D14 SUMIDA-CDRH4D14 Datasheet
118Kb / 2P
   POWER INDUCTORS
CDRH4D22 SUMIDA-CDRH4D22 Datasheet
238Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH8D38 SUMIDA-CDRH8D38 Datasheet
235Kb / 1P
   POWER INDUCTORS (SMD Type)
CDRH104R SUMIDA-CDRH104R Datasheet
236Kb / 3P
   POWER INDUCTORS (SMD Type)
CDRH124 SUMIDA-CDRH124 Datasheet
306Kb / 1P
   POWER INDUCTORS (SMD Type)
CLS4D09 SUMIDA-CLS4D09 Datasheet
240Kb / 1P
   POWER INDUCTORS (SMD Type)
CMD5D11 SUMIDA-CMD5D11 Datasheet
117Kb / 2P
   POWER INDUCTORS
CR10D37 SUMIDA-CR10D37 Datasheet
113Kb / 2P
   POWER INDUCTORS
CDEP145 SUMIDA-CDEP145 Datasheet
113Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com