Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD15B-821KB Fiches technique(PDF) 3 Page - Sumida Corporation

No de pièce CD15B-821KB
Description  CD105B
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD15B-821KB Fiches technique(HTML) 3 Page - Sumida Corporation

  CD15B-821KB Datasheet HTML 1Page - Sumida Corporation CD15B-821KB Datasheet HTML 2Page - Sumida Corporation CD15B-821KB Datasheet HTML 3Page - Sumida Corporation CD15B-821KB Datasheet HTML 4Page - Sumida Corporation CD15B-821KB Datasheet HTML 5Page - Sumida Corporation CD15B-821KB Datasheet HTML 6Page - Sumida Corporation CD15B-821KB Datasheet HTML 7Page - Sumida Corporation CD15B-821KB Datasheet HTML 8Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPE
CD105B
SPECIFICATION
ELECTICAL CHARACTERISTICS
(IN THE CASE OF BOX)
INDUCTANCE
D.C.R.
RATED
RATED
S.R.F.
NO.
PART NO.
STAMP
[WITHIN]
(Ω)
CURRENT
CURRENT
(MHz)
SUMIDA
※1
[MAX.]
(A)
(A)
[TYP.]
CODE
(at 20℃)
※2
※3
(Ta=20℃)
(Ta=105℃)
25
CD1 5B-1
MB
100M
10μH ± 20%
0.06
2.60
1.92
25.1
4716-0025
26
CD1 5B-12 MB
120M
12μH ± 20%
0.07
2.45
1.44
23.1
4716-0026
27
CD1 5B-15 MB
150M
15μH ± 20%
0.08
2.27
1.36
19.1
4716-0027
28
CD1 5B-18 MB
180M
18μH ± 20%
0.09
2.15
1.29
18.1
4716-0028
29
CD1 5B-22 MB
220M
22μH ± 20%
0.10
1.95
1.24
15.9
4716-0029
30
CD1 5B-27 MB
270M
27μH ± 20%
0.11
1.76
1.20
14.0
4716-0030
31
CD1 5B-33 MB
330M
33μH ± 20%
0.12
1.50
1.04
13.1
4716-0031
32
CD1 5B-39 MB
390M
39μH ± 20%
0.14
1.37
1.00
12.2
4716-0032
33
CD1 5B-47 KB
470K
47μH ± 10%
0.17
1.28
0.88
10.6
4716-0033
34
CD1 5B-56 KB
560K
56μH ± 10%
0.19
1.17
0.80
10.2
4716-0034
35
CD1 5B-68 KB
680K
68μH ± 10%
0.22
1.11
0.71
9.26
4716-0035
36
CD1 5B-82 KB
820K
82μH ± 10%
0.25
1.00
0.66
8.45
4716-0036
37
CD1 5B-1 1KB
101K
100μH ± 10%
0.35
0.97
0.63
7.64
4716-0037
38
CD1 5B-121KB
121K
120μH ± 10%
0.40
0.89
0.53
6.65
4716-0038
39
CD1 5B-151KB
151K
150μH ± 10%
0.47
0.78
0.47
5.86
4716-0039
40
CD1 5B-181KB
181K
180μH ± 10%
0.63
0.72
0.43
5.71
4716-0040
41
CD1 5B-221KB
221K
220μH ± 10%
0.73
0.66
0.40
5.25
4716-0041
42
CD1 5B-271KB
271K
270μH ± 10%
0.97
0.57
0.35
4.62
4716-0042
43
CD1 5B-331KB
331K
330μH ± 10%
1.15
0.52
0.33
4.07
4716-0043
44
CD1 5B-391KB
391K
390μH ± 10%
1.30
0.48
0.32
3.91
4716-0044
45
CD1 5B-471KB
471K
470μH ± 10%
1.48
0.42
0.30
3.61
4716-0045
46
CD1 5B-561KB
561K
560μH ± 10%
1.90
0.33
0.29
3.25
4716-0046
47
CD1 5B-681KB
681K
680μH ± 10%
2.25
0.28
0.24
2.96
4716-0047
48
CD1 5B-821KB
821K
820μH ± 10%
2.55
0.24
0.22
2.74
4716-0048
※1:MEASURED FREQUENCY
10μH ∼ 82μH
at 2.52 MHz
100μH ∼820μH
at
1 kHz
※2:THE RATED CURRENT INDICATES THE LOWER VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER
THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR THE TEMPERATURE OF COIL RISES 40℃ WITH
D.C. CURRENT PASSING.(Ta=20℃)
※3:THE RATED CURRENT INDICATES THE LOWER VALUE OF CURRENT WHEN THE INDUCTANCE IS 10% LOWER
THAN ITS INITIAL VALUE AT D.C. SUPERPOSITION OR THE TEMPERATURE OF COIL RISES 40℃ WITH
D.C. CURRENT PASSING.(Ta=105℃)
6. OPERATING TEMPERATURE RANGE: −30℃ ∼+105℃
5.ELECTRICAL CHARACTERISTICS


Numéro de pièce similaire - CD15B-821KB

FabricantNo de pièceFiches techniqueDescription
logo
TDK Electronics
CD15-E2GA392MYGSA TDK-CD15-E2GA392MYGSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CD15-E2GA392MYNSA TDK-CD15-E2GA392MYNSA Datasheet
73Kb / 3P
   Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
List of Unclassifed Man...
CD1517 ETC-CD1517 Datasheet
37Kb / 2P
   5-TAP DIP DELAY LINE
logo
LONG-SEMI
CD1517CP LONG-SEMI-CD1517CP Datasheet
673Kb / 9P
   LINEAR INTEGRATED CIRCUIT
2010.03.02 V1.0
logo
Continental Device Indi...
CD1585BC CDIL-CD1585BC Datasheet
59Kb / 3P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com